Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 97Page - Renesas Technology Corp R8C/15 Datasheet HTML 98Page - Renesas Technology Corp R8C/15 Datasheet HTML 99Page - Renesas Technology Corp R8C/15 Datasheet HTML 100Page - Renesas Technology Corp R8C/15 Datasheet HTML 101Page - Renesas Technology Corp R8C/15 Datasheet HTML 102Page - Renesas Technology Corp R8C/15 Datasheet HTML 103Page - Renesas Technology Corp R8C/15 Datasheet HTML 104Page - Renesas Technology Corp R8C/15 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 89 of 253
REJ09B0164-0210
Figure 13.5
TXMR Register in Pulse Output Mode
Timer X Mode Register
Symbol
Address
After Reset
TXMR
008Bh
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/CNTR0 Signal
Polarity Sw itch Bit(1)
P3_7/CNTR0
________
Select Bit
0 : Port P3_7
1 : CNTR0
________
output
NOTES :
1.
2. Refer to 20.4.2 Tim er X for precautions on the TXS bit.
RW
TXUND
RW
TXEDG
The IR bit in the INT1IC register may be set to “1” (requests interrupt) w hen the R0EDG bit is rew ritten.
Refer to 20.2.5 Changing Interrupt Factor.
TXMOD2
Set to “0” in pulse output mode
Set to “0” in pulse output mode
Set to “0” in pulse output mode
RW
b3 b2
0 : CNTR0 signal output starts at “H”
1 : CNTR0 signal output starts at “L”
TXS
Timer X Count Start Flag(2)
0 : Stops counting
1 : Starts counting
b1 b0
000
b7 b6 b5 b4
TXMOD0
RW
Operating Mode Select Bit 0, 1
b1 b0
0 1 : Pulse output mode
TXMOD1
RW
1
0
R0EDG
RW
RW
TXOCNT
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com