Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 99Page - Renesas Technology Corp R8C/15 Datasheet HTML 100Page - Renesas Technology Corp R8C/15 Datasheet HTML 101Page - Renesas Technology Corp R8C/15 Datasheet HTML 102Page - Renesas Technology Corp R8C/15 Datasheet HTML 103Page - Renesas Technology Corp R8C/15 Datasheet HTML 104Page - Renesas Technology Corp R8C/15 Datasheet HTML 105Page - Renesas Technology Corp R8C/15 Datasheet HTML 106Page - Renesas Technology Corp R8C/15 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 91 of 253
REJ09B0164-0210
Figure 13.6
TXMR Register in Event Counter Mode
Timer X Mode Register
Symbol
Address
After Reset
TXMR
008Bh
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/CNTR0 Signal
Polarity Sw itch Bit(1)
NOTES :
1.
2.
Set to “0” in event counter mode
Refer to 20.4.2 Tim er X for precautions on the TXS bit.
0
1
The IR bit in the INT1IC register may be set to “1” (requests interrupt) w hen the R0EDG bit is rew ritten.
Refer to 20.2.5 Changing Interrupt Factor.
R0EDG
RW
RW
TXOCNT
RW
TXMOD0
RW
Operating Mode Select Bit 0, 1
b1 b0
1 0 : Event Counter Mode
TXMOD1
RW
b0
0000
b7 b6 b5 b4
RW
b3 b2
0 : Rising edge
1 : Falling edge
TXS
Timer X Count Start Flag(2)
0 : Stops counting
1 : Starts counting
b1
Set to “0” in event counter mode
Set to “0” in event counter mode
RW
TXUND
RW
TXEDG
Set to “0” in event counter mode
TXMOD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com