Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 103Page - Renesas Technology Corp R8C/15 Datasheet HTML 104Page - Renesas Technology Corp R8C/15 Datasheet HTML 105Page - Renesas Technology Corp R8C/15 Datasheet HTML 106Page - Renesas Technology Corp R8C/15 Datasheet HTML 107Page - Renesas Technology Corp R8C/15 Datasheet HTML 108Page - Renesas Technology Corp R8C/15 Datasheet HTML 109Page - Renesas Technology Corp R8C/15 Datasheet HTML 110Page - Renesas Technology Corp R8C/15 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 95 of 253
REJ09B0164-0210
13.1.5
Pulse Period Measurement Mode
Pulse period measurement mode is mode to measure the pulse period of an external signal which
inputs from the INT1/CNTR0 pin (See Table 13.6 Specification of Pulse Period Measurement
Mode). Figure 13.9 shows the TXMR Register in Pulse Period Measurement Mode. Figure 13.10
shows an Operating Example in Pulse Period Measurement Mode.
NOTES:
1. Input the pulse whose period is longer than twice of the prescaler X period. Input the longer pulse for
“H” width and “L” width than the prescaler X period. If the shorter pulse than the period is input to the
CNTR0 pin, the input may be disabled.
Table 13.6
Specification of Pulse Period Measurement Mode
Item
Specification
Count Source
f1, f2, f8, fRING
Count Operation
• Decrement
• After an active edge of measurement pulse is input, contents for the read-out
buffer are retained at the first underflow of prescaler X. Then timer X reloads
contents in the reload register at the second underflow of prescaler X and
continues counting.
Count Start Condition
Write “1” (count start) to the TXS bit in the TXMR register
Count Stop Condition
Write “0” (count stop) to TXS bit in TXMR register
Interrupt Request
Generation Timing
• When timer X underflows or reloads [timer X interrupt]
• Rising or falling of CNTR0 input (end of measurement period) [INT1 interrupt]
INT10/CNTR00,
INT11/CNTR01 Pin
Function
Measurement pulse input(1) (INT1 interrupt input)
CNTR0 Pin Function
Programmable I/O port
Read from Timer
Contents in the read-out buffer can be read by reading the TX register. The
value retained in the read-out buffer is released by reading TX register.
Write to Timer
• When writing to the TX and PREX registers while the count stops, the value
is written to both the reload register and counter.
• When writing to the TX and PREX registers during the count, the value is
written to each reload register of the TX and PREX registers at the following
count source input and the data is transferred to the counter at the second
count source input and the count re-starts at the third count source input.
Select Function
•INT1/CNTR0 polarity switch function
The R0EDG bit can select the measurement period of input pulse.
• Measurement pulse input pin select function
The CNTRSEL bit in the UCON register can select the CNTR00 or CNTR01
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com