Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 144Page - Renesas Technology Corp R8C/15 Datasheet HTML 145Page - Renesas Technology Corp R8C/15 Datasheet HTML 146Page - Renesas Technology Corp R8C/15 Datasheet HTML 147Page - Renesas Technology Corp R8C/15 Datasheet HTML 148Page - Renesas Technology Corp R8C/15 Datasheet HTML 149Page - Renesas Technology Corp R8C/15 Datasheet HTML 150Page - Renesas Technology Corp R8C/15 Datasheet HTML 151Page - Renesas Technology Corp R8C/15 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 277 page
background image
R8C/14 Group, R8C/15 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 136 of 253
REJ09B0164-0210
NOTES:
1. The bits used for transmit/receive data are as follows: Bits 0 to 6 when transfer data is 7-bit long; bits
0 to 7 when transfer data is 8-bit long; bits 0 to 8 when transfer data is 9-bit long.
Table 14.6 lists the I/O Pin Functions in Clock Asynchronous Serial I/O Mode. After the UART0 operating
mode is selected, the TXD0 pin outputs “H” level (If the NCH bit is set to “1” (N-channel open-drain
outputs), this pin is in a high-impedance state) until transfer starts.
Table 14.5
Registers to Be Used and Settings in UART Mode
Register
Bit
Function
U0TB
0 to 8
Set transmit data(1)
U0RB
0 to 8
Receive data can be read(1)
OER,FER,PER,SUM
Error flag
U0BRG
0 to 7
Set a bit rate
U0MR
SMD2 to SMD0
Set to “100b” when transfer data is 7-bit long
Set to “101b” when transfer data is 8-bit long
Set to “110b” when transfer data is 9-bit long
CKDIR
Select the internal clock or external clock
STPS
Select the stop bit
PRY, PRYE
Select whether parity is included and odd or even
U0C0
CLK0, CLK1
Select the count source for the U0BRG register
TXEPT
Transmit register empty flag
NCH
Select TXD0 pin output mode
CKPOL
Set to “0”
UFORM
LSB first or MSB first can be selected when transfer data is 8-bit
long. Set to “0” when transfer data is 7- or 9-bit long.
U0C1
TE
Set to “1” to enable transmit
TI
Transmit buffer empty flag
RE
Set to “1” to enable receive
RI
Receive complete flag
UCON
U0IRS, U1IRS
Select the factor of UART0 transmit interrupt
U0RRM
Set to “0”
CNTRSEL
Set to “1” to select P1_5/RXD0/CNTR01/INT11
Table 14.6
I/O Pin Functions in Clock Asynchronous Serial I/O Mode
Pin name
Function
Selection Method
TXD0(P1_4)
Output serial data
(Cannot be used as a port when performing receive only)
RXD0(P1_5)
Input serial data
PD1_5 bit in PD1 register=0
(P1_5 can be used as an input port when performing transmit
only)
CLK0(P1_6)
Programmable I/O Port CKDIR bit in U0MR register=0
Input transfer clock
CKDIR bit in U0MR register=1
PD1_6 bit in PD1 register=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com