Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 148Page - Renesas Technology Corp R8C/15 Datasheet HTML 149Page - Renesas Technology Corp R8C/15 Datasheet HTML 150Page - Renesas Technology Corp R8C/15 Datasheet HTML 151Page - Renesas Technology Corp R8C/15 Datasheet HTML 152Page - Renesas Technology Corp R8C/15 Datasheet HTML 153Page - Renesas Technology Corp R8C/15 Datasheet HTML 154Page - Renesas Technology Corp R8C/15 Datasheet HTML 155Page - Renesas Technology Corp R8C/15 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 140 of 253
REJ09B0164-0210
15. Clock Synchronous Serial I/O with Chip Select (SSU)
The serial data of the clock synchronous can communicate for the clock synchronous serial I/O with chip
select (hereinafter referred to as SSU). Table 15.1 shows a SSU Specification and Figure 15.1 shows a
Block Diagram of SSU.
Figure 15.2 to 15.8 show SSU Associated Registers.
NOTES:
1. The interrupt vector table is one of the SSU.
2. When setting to the slave device, do not transmit continuously.
Table 15.1
SSU Specification
Item
Specification
Transfer Data Format
• Transfer-data length 8 bits
Continuous transmit and receive of serial data are enabled since both
transmitter and receiver have buffer structure.(2)
Operating Mode
• Clock synchronous communication mode
• 4-wire bus communication mode (including bidirectional communication)
Master / Slave Device
Selectable
I/O Pin
SSCK (I/O) : Clock I/O pin
SSI (I/O) : Data I/O pin
SSO (I/O) : Data I/O pin
SCS (I/O) : Chip-select I/O pin
Transfer Clock
• When the MSS bit in the SSCRH register is set to “0” (operates as slave
device), external clock can be selected.
• When the MSS bit in the SSCRH register is set to “1” (operates as master
device), internal clock (selects from
φ/256, φ/128, φ/64, φ/32, φ/16, φ/8 and φ/4
and outputs from SSCK pin) can be selected.
• Clock polarity and phase of SSCK can be selected.
Receive Error Detection • Overrun error
Overrun error occurs during receive and completes by error. While the RDRF
bit in the SSSR register is set to “1” (data in the SSRDR register) and
completing the next serial data receive, the ORER bit is set to “1”.
Multimaster Error
Detection
• Conflict error
While the SSUMS bit in the SSMR2 register is set to “1” (4-wire bus
communication mode) and the MSS bit in the SSCRH register is set to “1”
(operates as master device) and when starting a serial communication, the
CE bit in the SSSR register is set to “1” if “L” applies to the SCS pin input.
When the SSUMS bit in the SSMR2 register is set to “1” (4-wire bus
communication mode), the MSS bit in the SSCRH register is set to “0”
(operates as slave device) and the SCS pin input changes state from “L” to
“H”, the CE bit in the SSSR register is set to “1”.
Interrupt Request
5 interrupt requests (transmit-end, transmit-data-empty, receive-data-full,
overrun error and conflict error).(1)
Select Function
• Data transfer direction
Selects MSB-first or LSB-first
• SSCK clock polarity
Selects “L” or “H” level when clock stops
• SSCK clock phase
Selects edge of data change and data download



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com