Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 150Page - Renesas Technology Corp R8C/15 Datasheet HTML 151Page - Renesas Technology Corp R8C/15 Datasheet HTML 152Page - Renesas Technology Corp R8C/15 Datasheet HTML 153Page - Renesas Technology Corp R8C/15 Datasheet HTML 154Page - Renesas Technology Corp R8C/15 Datasheet HTML 155Page - Renesas Technology Corp R8C/15 Datasheet HTML 156Page - Renesas Technology Corp R8C/15 Datasheet HTML 157Page - Renesas Technology Corp R8C/15 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 142 of 253
REJ09B0164-0210
Figure 15.2
SSCRH Register
SS Control Register H
(4)
Symbol
Address
After Reset
SSCRH
00B8h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
The RSSTP bit is disabled w hen the MSS bit is set to “0” (operates as slave device).
b7 b6 b5 b4 b3 b2 b1 b0
RW
RW
RW
—
(b4-b3)
—
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
Master/Slave Device Select Bit(2)
0 : Operates as slave device
1 : Operates as master device
RW
MSS
CKS1
CKS2
Transfer Clock Rate Select Bit(1)
b2 b1 b0
0 0 0 : f1/256
0 0 1 : f1/128
0 1 0 : f1/64
0 1 1 : f1/32
1 0 0 : f1/16
1 0 1 : f1/8
1 1 0 : f1/4
1 1 1 : Do not set
CKS0
Refer to 20.6.1 Access Registers Associated w ith SSU for accessing registers associated w ith SSU.
The SSCK pin functions as the transfer clock output pin w hen the MSS bit is set to “1” (operates as master device).
The MSS bit is set to “0” (operates as slave device) w hen the CE bit in the SSSR register is set to “1” (conflict error
occurs).
RSSTP
Receive Single Stop Bit(3)
0 : Maintains receive operation after
receiving 1-byte data
1 : Completes receive operation after
receiving 1-byte data
RW
—
(b7)
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
The set clock is used w hen the internal clock is selected.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com