Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 151Page - Renesas Technology Corp R8C/15 Datasheet HTML 152Page - Renesas Technology Corp R8C/15 Datasheet HTML 153Page - Renesas Technology Corp R8C/15 Datasheet HTML 154Page - Renesas Technology Corp R8C/15 Datasheet HTML 155Page - Renesas Technology Corp R8C/15 Datasheet HTML 156Page - Renesas Technology Corp R8C/15 Datasheet HTML 157Page - Renesas Technology Corp R8C/15 Datasheet HTML 158Page - Renesas Technology Corp R8C/15 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 143 of 253
REJ09B0164-0210
Figure 15.3
SSCRL Register
SS Control Register L
(4)
Symbol
Address
After Reset
SSCRL
00B9h
01111101b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4. Refer to 20.6.1 Access Registers Associated w ith SSU for accessing registers associated w ith SSU.
—
Do not w rite to the SOL bit during the data transfer.
The data output after the serial data is output can be changed w hen w riting to the SOL bit before or after transfer.
Set the SOLP bit to “0” and w rite to the SOLP and SOL bits by the MOV instruction w hen w riting to the SOL bit.
SSCRH, SSCRL, SSMR, SSER, SSSR, SSMR2, SSTDR and SSRDR registers.
SOL
Serial Data Output
Value Setting Bit
When read,
0 : The last bit of the serial data output is set to “L”
1 : The last bit of the serial data output is set to “H”
When w rite,(2,3)
0 : The data outputs “L” after the serial data output
1 : The data outputs “H” after the serial data output
RW
—
(b6)
Nothing is assigned. When w rite, set to “0”.
When read, its content is “1”.
—
—
(b7)
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
—
(b3-b2)
Nothing is assigned. When w rite, set to “0”.
When read, its content is “1”.
—
SOLP
SOL Write Protect Bit(2) The output level can be changed by the SOL bit w hen
“0” w hen this bit is set to “0”.
Writing “1” is disabled. When read, its content is “1”.
RW
b7 b6 b5 b4 b3 b2 b1 b0
—
(b0)
—
Nothing is assigned. When w rite, set to “0”.
When read, its content is “1”.
SRES
SSU Control Part Reset
Bit
When this bit is set to “1”, the SSU control part and
SSTRSR register are reset.
The values of the registers(1) in the SSU register are
maintained.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com