Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 154Page - Renesas Technology Corp R8C/15 Datasheet HTML 155Page - Renesas Technology Corp R8C/15 Datasheet HTML 156Page - Renesas Technology Corp R8C/15 Datasheet HTML 157Page - Renesas Technology Corp R8C/15 Datasheet HTML 158Page - Renesas Technology Corp R8C/15 Datasheet HTML 159Page - Renesas Technology Corp R8C/15 Datasheet HTML 160Page - Renesas Technology Corp R8C/15 Datasheet HTML 161Page - Renesas Technology Corp R8C/15 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 146 of 253
REJ09B0164-0210
Figure 15.6
SSSR Register
SS Status Register
(7)
Symbol
Address
After Reset
SSSR
00BCh
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
5.
6.
7.
from “L” to “H” during transfer, the CE bit is set to “1”.
Indicates overrun error occurs and receive completes by error w hen receive. When the next serial data receive is
completed w hile the RDRF bit is set to “1” (data in the SSRDR register), the ORER bit is set to “1”. After the ORER bit
is set to “1” (overrun error occurs), do not transmit or receive w hile the ORER bit is set to “1”.
When the serial communication is started w hile the SSUMS bit in the SSMR2 register is set to “1” (four-w ire
bus communication mode) and the MSS bit in the SSCRH register is set to “1” (operates as master
device), the CE bit is set to “1” if “L” is applied to the SCS
_____
pin input. When the SSUMS bit in the SSMR2
(operates as slave device) is set to “0” (operates as slave device) and the SCS
_____
pin input changes the level
register is set to “1” (four-w ire bus communication mode), the MSS bit in the SSCRH register is set to “0”
—
Refer to 20.6.1 Access Registers Associated w ith SSU for accessing registers associated w ith SSU.
The TEND and TDRE bits are set to “0” w hen w riting the data to the SSTDR register.
Overrun Error Flag(1)
0 : No overrun error occurs
1 : Overrun error occurs(3)
The TDRE bit is set to “1” w hen setting the TE bit in the SSER register to “0” (disables transmit).
TEND
Transmit End(1, 5)
0 : The TDRE bit is set to “0” w hen transmitting
the end of the bit in transmit data
1 : The TDRE bit is set to “1” w hen transmitting
the end of the bit in transmit data
RW
RW
ORER
—
(b4-b3)
CE
RW
RW
—
Conflict Error Flag(1)
0 : No conflict error occurs
1 : Conflict error occurs(2)
RDRF
Receive Data Register Full(1, 4)
—
(b1)
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
0 : No data in SSRDR register
1 : Data in SSRDR register
b3 b2 b1
b7 b6 b5 b4
b0
When reading “1” and w riting “0”, the CE, ORER, RDRF, TEND and TDRE bits are set to “0”.
The RDRF bit is set to “0” w hen reading out the data from the SSRDR register.
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
TDRE
Transmit Data Empty(1, 5, 6)
0 : Data is not transferred from the SSTDR
to SSTRSR registers
1 : Data is transferred from the SSTDR to
SSTRSR registers
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com