Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 157Page - Renesas Technology Corp R8C/15 Datasheet HTML 158Page - Renesas Technology Corp R8C/15 Datasheet HTML 159Page - Renesas Technology Corp R8C/15 Datasheet HTML 160Page - Renesas Technology Corp R8C/15 Datasheet HTML 161Page - Renesas Technology Corp R8C/15 Datasheet HTML 162Page - Renesas Technology Corp R8C/15 Datasheet HTML 163Page - Renesas Technology Corp R8C/15 Datasheet HTML 164Page - Renesas Technology Corp R8C/15 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 149 of 253
REJ09B0164-0210
15.1
Transfer Clock
A transfer clock can be selected from 7 internal clocks (
φ/256, φ/128, φ/64, φ/32, φ/16, φ/8 and φ/4) and
an external clock.
When using the SSU, set the SCKS bit in the SSMR2 register to “1” and select the SSCK pin as the
serial clock pin.
When the MSS bit in the SSCRH register is set to “1” (operates as master device), an internal clock can
be selected and the SSCK pin functions as output. When transfer is started, the SSCK pin outputs clocks
of the transfer rate selected in the CKS0 to CKS2 bits in the SSCRH register.
When the MSS bit in the SSCRH register is set to “0” (operates as slave device), an external clock can
be selected and the SSCK pin functions as input.
15.1.1
Association between Transfer Clock Polarity, Phase and Data
Association between transfer clock polarity, phase and data changes according to a combination of the
SSUMS bit in the SSMR2 register and the CPHS and CPOS bits in the SSMR register. Figure 15.9
shows the Association between Transfer Clock Polarity, Phase and Transfer Data.
Also, the MSB-first transfer or LSB-first transfer can be selected by setting the MLS bit in the SSMR
register. When the MLS bit is set to “1”, transfer is started from the LSB to MSB. When the MLS bit is set
to “0”, transfer is started from the MSB to LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com