Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 159Page - Renesas Technology Corp R8C/15 Datasheet HTML 160Page - Renesas Technology Corp R8C/15 Datasheet HTML 161Page - Renesas Technology Corp R8C/15 Datasheet HTML 162Page - Renesas Technology Corp R8C/15 Datasheet HTML 163Page - Renesas Technology Corp R8C/15 Datasheet HTML 164Page - Renesas Technology Corp R8C/15 Datasheet HTML 165Page - Renesas Technology Corp R8C/15 Datasheet HTML 166Page - Renesas Technology Corp R8C/15 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 151 of 253
REJ09B0164-0210
15.2
SS Shift Register (SSTRSR)
The SSTRSR register is the shift register to transmit and receive the serial data.
When the transmit data is transferred from the SSTDR register to the SSTRSR register and the MLS bit
in the SSMR register is set to “0” (MSB-first), the bit 0 in the SSTDR register is transferred to the bit 0 in
the SSTRSR register. When the MLS bit is set to “1” (LSB-first), the bit 7 in the SSTDR register is
transferred to the bit 0 in the SSTRSR register.
15.2.1
Association between Data I/O Pin and SS Shift Register
Connecting association between the data I/O pin and SSTRSR register (SS shift register) changes
according to a combination of the MSS bit in the SSCRH register and the SSUMS bit in the SSMR2
register. Also, connecting association changes according to the BIDE bit in the SSMR2 register.
Figure 15.10 shows a Connecting Association between Data I/O Pin and SSTRSR Register.
Figure 15.10
Connecting Association between Data I/O Pin and SSTRSR Register
SSTRSR Register
SSO
SSI
• When SSUMS=0
(clock synchronous communication mode)
SSTRSR Register
SSO
SSI
• When SSUMS=1 (4-wire bus communication mode),
BIDE=0 (standard mode) and MSS=0 (operates as
slave device)
SSTRSR Register
SSO
SSI
• When SSUMS=1 (4-wire bus communication mode),
BIDE=0 (standard mode) and MSS=1 (operates as
master device)
SSTRSR Register
SSO
SSI
• When SSUMS=1 (4-wire bus communication mode),
BIDE=1 (bidirectional mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com