Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 162Page - Renesas Technology Corp R8C/15 Datasheet HTML 163Page - Renesas Technology Corp R8C/15 Datasheet HTML 164Page - Renesas Technology Corp R8C/15 Datasheet HTML 165Page - Renesas Technology Corp R8C/15 Datasheet HTML 166Page - Renesas Technology Corp R8C/15 Datasheet HTML 167Page - Renesas Technology Corp R8C/15 Datasheet HTML 168Page - Renesas Technology Corp R8C/15 Datasheet HTML 169Page - Renesas Technology Corp R8C/15 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 154 of 253
REJ09B0164-0210
15.5
Clock Synchronous Communication Mode
15.5.1
Initialization in Clock Synchronous Communication Mode
Figure 15.11 shows an Initialization in Clock Synchronous Communication Mode. Set the TE bit in the
SSER register to “0” (disables transmit) and the RE bit to “0” (disables receive) before data transmit /
receive as an initialization.
When communication mode and format are changed, set the TE bit to “0” and the RE bit to “0” before
changing.
Setting the RE bit to “0” does not change the contents of the RDRF and ORER flags, and the contents
of the SSRDR register.
Figure 15.11
Initialization in Clock Synchronous Communication Mode
Start
SSMR2 register
SSUMS bit
← 0
SSCRH register
Set CKS0 to CKS2 bits
Set RSSTP bit
SSSR register
ORER bit
← 0(1)
SSER register
RE bit
← 1 (When receive)
TE bit
← 1 (When transmit)
Set RIE, TEIE and TIE bits
End
NOTES:
1. Write “0” after reading “1” to set the ORER bit to “0”.
SSER register
RE bit
← 0
TE bit
← 0
SSMR2 register
SCKS bit
← 1
Set SOOS bit
SSCRH register
Set MSS bit
SSMR register
CPHS bit
← 0
CPOS bit
← 0
Set MLS bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com