Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 161Page - Renesas Technology Corp R8C/15 Datasheet HTML 162Page - Renesas Technology Corp R8C/15 Datasheet HTML 163Page - Renesas Technology Corp R8C/15 Datasheet HTML 164Page - Renesas Technology Corp R8C/15 Datasheet HTML 165Page - Renesas Technology Corp R8C/15 Datasheet HTML 166Page - Renesas Technology Corp R8C/15 Datasheet HTML 167Page - Renesas Technology Corp R8C/15 Datasheet HTML 168Page - Renesas Technology Corp R8C/15 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 153 of 253
REJ09B0164-0210
15.4
Communication Modes and Pin Functions
SSU switches functions of the I/O pin in each communication mode according to the setting of the
MSS bit in the SSCRH register and the RE and TE bits in the SSER register. Table 15.3 shows the
Association between Communication Modes and I/O Pins.
NOTES:
1. This pin can be used as programmable I/O port.
2. Do not set both the TE and RE bits to “1” in 4-wire bus (bidirectional) communication mode.
SSUMS and BIDE : Bits in SSMR2 register
MSS : Bit in SSCRH register
TE and RE : Bits in SSER register
Table 15.3
Association between Communication Modes and I/O Pins
Communication Mode
Bit Setting
Pin State
SSUMS
BIDE
MSS
TE
RE
SSI
SSO
SSCK
Clock Synchronous
Communication Mode
0
Disabled 001Input
−(1)
Input
10
−(1)
Output
Input
1
Input
Output
Input
101Input
−(1)
Output
10
−(1)
Output
Output
1
Input
Output
Output
4-Wire Bus
Communication Mode
1
0
001
−(1)
Input
Input
1
0
Output
−(1)
Input
1
Output
Input
Input
101Input
−(1)
Output
10
−(1)
Output
Output
1
Input
Output
Output
4-Wire Bus
(Bidirectional)
Communication Mode(2)
1
1
001
−(1)
Input
Input
10
−(1)
Output
Input
101
−(1)
Input
Output
10
−(1)
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com