Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 206Page - Renesas Technology Corp R8C/15 Datasheet HTML 207Page - Renesas Technology Corp R8C/15 Datasheet HTML 208Page - Renesas Technology Corp R8C/15 Datasheet HTML 209Page - Renesas Technology Corp R8C/15 Datasheet HTML 210Page - Renesas Technology Corp R8C/15 Datasheet HTML 211Page - Renesas Technology Corp R8C/15 Datasheet HTML 212Page - Renesas Technology Corp R8C/15 Datasheet HTML 213Page - Renesas Technology Corp R8C/15 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 277 page
background image
R8C/14 Group, R8C/15 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 198 of 253
REJ09B0164-0210
18.4.1
EW0 Mode
The microcomputer enters CPU rewrite mode and software commands can be acknowledged by
setting the FMR01 bit in the FMR0 register to “1” (CPU rewrite mode enabled). In this case, since the
FMR11 bit in the FMR1 register is set to “0”, EW0 mode is selected.
Use software commands to control a program and erase operations. The FMR0 register or the status
register can determine status when program and erase operation complete.
When entering an erase-suspend, set the FMR40 bit to “1” (enables erase-suspend) and the FMR41
bit to “1” (requests erase-suspend). Wait for td(SR-ES) and ensure that the FMR46 bit is set to “1”
(enables reading) before accessing the user ROM area. The auto-erase operation restarts by setting
the FMR41 bit to “0” (erase restarts).
18.4.2
EW1 Mode
The microcomputer enters EW1 mode by setting the FMR11 bit to “1” (EW1 mode) after setting the
FMR01 bit to “1” (CPU rewrite mode enabled).
The FMR0 register can determine status when program and erase operation complete. Do not
execute the read status register command in EW1 mode.
To enable the erase-suspend function, execute the block erase command after setting the FMR40 bit
to “1” (enables erase-suspend). The interrupt to enter an erase-suspend should be in interrupt
enabled status. After passing td(SR-ES) since the block erase command is executed, an interrupt
request is acknowledged.
When an interrupt request is generated, the FMR41 bit is automatically set to "1" (requests erase-
suspend) and the auto-erase operation is halted. If the auto-erase operation does not complete
(FMR00 bit is “0”) when the interrupt process completes, the auto-erase operation restarts by setting
the FMR41 bit to “0” (erase restarts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com