Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 209Page - Renesas Technology Corp R8C/15 Datasheet HTML 210Page - Renesas Technology Corp R8C/15 Datasheet HTML 211Page - Renesas Technology Corp R8C/15 Datasheet HTML 212Page - Renesas Technology Corp R8C/15 Datasheet HTML 213Page - Renesas Technology Corp R8C/15 Datasheet HTML 214Page - Renesas Technology Corp R8C/15 Datasheet HTML 215Page - Renesas Technology Corp R8C/15 Datasheet HTML 216Page - Renesas Technology Corp R8C/15 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 277 page
background image
R8C/14 Group, R8C/15 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 201 of 253
REJ09B0164-0210
Figure 18.6
FMR1 and FMR4 Registers
Flash Memory Control Register 1
Symbol
Address
After Reset
FMR1
01B5h
1000000Xb
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
FMR16
Block 1 Rew rite Disable Bit(2,3)
When setting this bit to “1”, set to “1” immediately after setting it first to “0” w hile the FMR01 bit is set to “1” (CPU
rew rite mode enable) . Do not generate an interrupt betw een setting the bit to “0” and setting it to “1”.
This bit is set to “0” by setting the FMR01 bit to “0” (CPU rew rite mode disabled).
Reserved Bit
Set to “1”
When the FMR01 bit is set to “1” (CPU rew rite mode enabled), the FMR15 and FMR16 bits can be w ritten.
When setting this bit to “0”, set to “0” immediately after setting it first to “1”.
When setting this bit to “1”, set it to “1”.
—
(b7)
0
RW
RW
RW
RO
RW
Reserved Bit
0 : Enables rew rite
1 : Disables rew rite
RW
FMR15
—
(b0)
Reserved Bit
When read, its content is indeterminate.
EW1 Mode Select Bit(1, 2)
0 : EW0 mode
1 : EW1 mode
Block 0 Rew rite Disable Bit(2,3)
0 : Enables rew rite
1 : Disables rew rite
b7 b6 b5 b4
10
b3 b2
Set to “0”
0
b1 b0
FMR11
—
(b4-b2)
Flash Memory Control Register 4
Symbol
Address
After Reset
FMR4
01B3h
01000000b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
—
(b7)
Read Status Flag
RW
Reserved Bit
Set to “0”
FMR46
RW
RW
Erase-Suspend Function
Enable Bit(1)
0 : Disables reading
1 : Enables reading
Reserved Bit
0 : Disable
1 : Enable
Erase-Suspend Request
Bit(2)
0 : Erase restart
1 : Erase-suspend request
RO
RO
b7 b6 b5 b4
—
(b5-b2)
00 0
FMR40
0
When setting this bit to “1”, set to “1” immediately after setting it first to “0”. Do not generate an interrupt betw een
setting the bit to “0” and setting it to “1”.
This bit is enabled w hen the FMR40 bit is set to “1” (enable) and this bit can be w ritten during the period betw een
issuing an erase command and completing an erase (This bit is set to “0” during the periods other than above).
In EW0 mode, this can be set to “0” and “1” by a program.
In EW1 mode, this bit is automatically set to “1” if a maskable interrupt is generated during an erase
operation w hile the FMR40 bit is set to “1”. Do not set this bit to “1” by a program (“0” can be w ritten).
b3 b2
Set to “0”
0
b1 b0
FMR41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com