Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 253Page - Renesas Technology Corp R8C/15 Datasheet HTML 254Page - Renesas Technology Corp R8C/15 Datasheet HTML 255Page - Renesas Technology Corp R8C/15 Datasheet HTML 256Page - Renesas Technology Corp R8C/15 Datasheet HTML 257Page - Renesas Technology Corp R8C/15 Datasheet HTML 258Page - Renesas Technology Corp R8C/15 Datasheet HTML 259Page - Renesas Technology Corp R8C/15 Datasheet HTML 260Page - Renesas Technology Corp R8C/15 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 277 page
background image
R8C/14 Group, R8C/15 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 245 of 253
REJ09B0164-0210
20.8
Flash Memory Version
20.8.1
CPU Rewrite Mode
20.8.1.1
Operating Speed
Before entering CPU rewrite mode (EW0 mode), select 5MHz or below for the CPU clock using the
CM06 bit in the CM0 register and the CM16 to CM17 bits in the CM1 register. This usage note is not
needed for EW1 mode.
20.8.1.2
Instructions Inhibited Against Use
The following instructions cannot be used in EW0 mode because the flash memory internal data is
referenced: UND, INTO, and BRK instructions.
20.8.1.3
Interrupts
Table 20.1 lists the Interrupt in EW0 Mode and Table 20.2 lists the Interrupt in EW1 Mode.
NOTES:
1. Do not use the address match interrupt while the command is executed because the vector of the
address match interrupt is allocated on ROM.
2. Do not use the non-maskable interrupt while Block 0 is automatically erased because the fixed
vector is allocated Block 0.
Table 20.1
Interrupt in EW0 Mode
Mode
Status
When maskable
interrupt request is
acknowledged
When watchdog timer, oscillation stop detection and
voltage monitor 2 interrupt request are acknowledged
EW0 During automatic
erasing
Any interrupt can be
used by allocating a
vector to RAM
Once an interrupt request is acknowledged, the auto-
programming or auto-erasing is forcibly stopped
immediately and resets the flash memory. An interrupt
process starts after the fixed period and the flash
memory restarts. Since the block during the auto-erasing
or the address during the auto-programming is forcibly
stopped, the normal value may not be read. Execute the
auto-erasing again and ensure the auto-erasing is
completed normally.
Since the watchdog timer does not stop during the
command operation, the interrupt request may be
generated. Reset the watchdog timer regularly.
Automatic writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com