Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 255Page - Renesas Technology Corp R8C/15 Datasheet HTML 256Page - Renesas Technology Corp R8C/15 Datasheet HTML 257Page - Renesas Technology Corp R8C/15 Datasheet HTML 258Page - Renesas Technology Corp R8C/15 Datasheet HTML 259Page - Renesas Technology Corp R8C/15 Datasheet HTML 260Page - Renesas Technology Corp R8C/15 Datasheet HTML 261Page - Renesas Technology Corp R8C/15 Datasheet HTML 262Page - Renesas Technology Corp R8C/15 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 277 page
background image
R8C/14 Group, R8C/15 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 247 of 253
REJ09B0164-0210
20.8.1.4
How to Access
Write “0” to the corresponding bits before writing “1” when setting the FMR01, FMR02, or FMR11 bit
to “1”. Do not generate an interrupt between writing “0” and “1”.
20.8.1.5
Rewriting User ROM Area
In EW0 Mode, if the power supply voltage drops while rewriting any block in which the rewrite control
program is stored, the flash memory may not be able to be rewritten because the rewrite control
program cannot be rewritten correctly. In this case, use standard serial I/O mode.
20.8.1.6
Program
Do not write additions to the already programmed address.
20.8.1.7
Reset Flash Memory
When setting the FMSTP bit in the FMR0 register to “1” (flash memory stops) during erase-suspend
in EW1 mode, a CPU stops and cannot return. Do not set the FMSTP bit to “1”.
20.8.1.8
Entering Stop Mode or Wait Mode
Do not enter stop mode or wait mode during erase-suspend.
20.8.1.9
Interrupt Request Generation during Auto-erase Operation in EW1
Mode
When an interrupt request is generated during erasing with FMR01 = 1 (CPU rewrite mode enabled)
in FMR0 register, FMR11 = 1 (EW1 mode) in FMR1 register and FMR40 = 0 (disable erase suspend
function) in FMR4 register, the CPU may not operate properly.
Select any of the following 3 processes as a software countermeasure:
(a) Disable an interrupt by setting the priority level of all maskable interrupts to level 0. Note that
disabling the interrupts by the I flag will not be in the software countermeasure
(b) Set the FMR40 = 1 (enable erase suspend function) and the I flag = 1 (enable interrupt) when
using the FMR11 = 1 (EW1 mode)
(c) Use EW0 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com