Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 266Page - Renesas Technology Corp R8C/15 Datasheet HTML 267Page - Renesas Technology Corp R8C/15 Datasheet HTML 268Page - Renesas Technology Corp R8C/15 Datasheet HTML 269Page - Renesas Technology Corp R8C/15 Datasheet HTML 270Page - Renesas Technology Corp R8C/15 Datasheet HTML 271Page - Renesas Technology Corp R8C/15 Datasheet HTML 272Page - Renesas Technology Corp R8C/15 Datasheet HTML 273Page - Renesas Technology Corp R8C/15 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 277 page
background image
C - 5
REVISION HISTORY
R8C/14 Group, R8C/15 Group Hardware
Rev.
Date
Description
Page
Summary
2.00
Jan 12, 2006
1
1. Overview; “20-pin plastic molded LSSOP or SDIP”
→ “20-pin plastic
molded LSSOP” revised
2
Table 1.1 Performance Outline of the R8C/14 Group;
Package:
“20-pin plastic molded SDIP” deleted
3
Table 1.2 Performance Outline of the R8C/15 Group;
Package:
“20-pin plastic molded SDIP” deleted,
Flash Memory:
(Data area)
→ (Data flash)
(Program area)
→ (Program ROM) revised
4
Figure 1.1 Block Diagram;
“Peripheral Function” added,
“System Clock Generation”
→ “System Clock Generator” revised
5, 6
Table 1.3 Product Information of R8C/14 Group,
Table 1.4 Product Information of R8C/15 Group; revised.
Figure 1.2 Part Number, Memory Size and Package of R8C/14 Group,
Figure 1.3 Part Number, Memory Size and Package of R8C/15 Group;
Package type: “DD : PRDP0020BA-A” deleted
8
Figure 1.5 PRDP0020BA-A Package Pin Assignment (top view) deleted
Table 1.5 Pin Description;
Timer C:
“CMP0_0 to CMP0_3, CMP1_0 to CMP1_3”
→
“CMP0_0 to CMP0_2, CMP1_0 to CMP1_2” revised
10
Figure 2.1 CPU Register;
“Reserved Area”
→ “Reserved Bit” revised
12
2.8.10 Reserved Area;
“Reserved Area”
→ “Reserved Bit” revised
13
Figure 3.1 Memory Map of R8C/14 Group revised
14
3.2 R8C/15 Group, Figure 3.2 Memory Map of R8C/15 Group revised
15
Table 4.1 SFR Information(1);
0009h:
“XXXXXX00b”
→ “00h”
000Ah:
“00XXX000b”
→ “00h”
001Eh:
“XXXXX000b”
→ “00h”
17
Table 4.3 SFR Information(3);
0085h:
“Prescaler Z”
→ “Prescaler Z Register”
0086h:
“Timer Z Secondary”
→ “Timer Z Secondary Register”
0087h:
“Timer Z Primary”
→ “Timer Z Primary Register”
008Ch:
“Prescaler X”
→ “Prescaler X Register”
008Dh:
“Timer X”
→ “Timer X Register”
0090h, 0091h: “Timer C”
→ “Timer C Register” revised
20
Figure 5.3 Reset Sequence revised
23
5.2 Power-On Reset Function;
“When a capacitor is connected to ... 0.8VCC or more.” added
29
Figure 6.5 VW1C Register revised
30
Figure 6.6 VW2C Register NOTE10 added
REVISION HISTORY
R8C/14 Group, R8C/15 Group Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com