Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 268Page - Renesas Technology Corp R8C/15 Datasheet HTML 269Page - Renesas Technology Corp R8C/15 Datasheet HTML 270Page - Renesas Technology Corp R8C/15 Datasheet HTML 271Page - Renesas Technology Corp R8C/15 Datasheet HTML 272Page - Renesas Technology Corp R8C/15 Datasheet HTML 273Page - Renesas Technology Corp R8C/15 Datasheet HTML 274Page - Renesas Technology Corp R8C/15 Datasheet HTML 275Page - Renesas Technology Corp R8C/15 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 277 page
background image
C - 7
REVISION HISTORY
R8C/14 Group, R8C/15 Group Hardware
2.00
Jan 12, 2006
76
11.4 Address Match Interrupt;
“... , do not use an address match interrupt in a user system.”
→
“... , do not set an address match interrupt (the registers of AIER,
RMAD0, RMAD1 and the fixed vector tables) in a user system.”
revised
77
Figure 11.19 AIER, RMAD0 to RMAD1 Registers;
AIER Register revised
79
Figure 12.2 OFS and WDC Registers;
• Option Function Select Register NOTE1 revised, NOTE2 added
• Watchdog Timer Control Register NOTE1 deleted
83
Table 13.1 Functional Comparison of Timers;
“
Decrement”
→ “Increment”
84
Figure 13.1 Block Diagram of Timer X revised
87
Table 13.2 Specification of Timer Mode;
• “INT1/CNTR0 Signal Pin Function”
→ “INT10/CNTR00, INT11/CNTR01
Pin Function”
revised
•“
• When writing ... registers (the data is transferred to the counter when
the following count source is input).”
→
“
• When writing ... registers at the following count source input and the
data is transferred to the counter at the second count source input and
the count re-starts at the third count source input.” revised
88
Table 13.3 Specification of Pulse Output Mode;
•“INT1/CNTR0 Signal Pin Function”
→ “INT10/CNTR00 Pin Function”
revised
•“
• When writing ... registers (the data is transferred to the counter when
the following count source is input).”
→
“
• When writing ... registers at the following count source input and the
data is transferred to the counter at the second count source input and
the count re-starts at the third count source input.” revised
• NOTE1 added
90, 92, 95 Table 13.4 Specification of Event Counter Mode,
Table 13.5 Specification of Pulse Width Measurement Mode,
Table 13.6 Specification of Pulse Period Measurement Mode;
• “INT1/CNTR0 Signal Pin Function”
→ “INT10/CNTR00, INT11/CNTR01
Pin Function”
revised
•“
• When writing ... registers (the data is transferred to the counter when
the following count source is input).”
→
“
• When writing ... registers at the following count source input and the
data is transferred to the counter at the second count source input and
the count re-starts at the third count source input.” revised
98
Figure 13.11 Block Diagram of Timer Z;
“Peripheral Data Bus”
→ “Data Bus” revised
101
Figure 13.14 TZOC and PUM Registers;
Timer Z Output Control Register “Stops counting”
→ “One-shot stops”,
“Starts counting”
→ “One-shot starts” revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com