Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 332Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 333Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 334Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 335Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 336Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 337Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 338Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 339Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 615 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-19
Figure 2.2.13. Set-up procedure of event counter mode, reload type selected
Selecting event counter mode and functions
b7
b0
Pulse output function select bit
0 : Pulse is not output (TAiOUT pin is a normal port pin)
Timer Ai mode register (i=0 to 4) [Address 039616 to 039A16]
TAiMR (i=0 to 4)
Up/down switching cause select bit
0 : Up/down flag's content
Selection of event counter mode
Invalid in event counter mode (i = 0, 1)
Invalid when not using two-phase pulse signal processing(i = 2 to 4)
Count operation type select bit
0 : Reload type
0 (Must always be “0” in event counter mode)
Count polarity select bit
0 : Counts external signal's falling edge
01
00
00
0
b7
b0
0
00
Up/down flag [Address 038416]
UDF
Timer A0 up/down flag
0 : Down count
Timer A1 up/down flag
0 : Down count
Timer A2 up/down flag
0 : Down count
Timer A3 up/down flag
0 : Down count
Timer A4 up/down flag
0 : Down count
When not using the 2-phase pulse signal processing function, set the select bit to “0”.
Setting one-shot start flag and trigger select register
Trigger select register [Address 038316]
TRGSR
One-shot start flag [Address 038216]
ONSF
Timer A0 event/trigger select bit
0 0 : Input on TA0IN is selected (Note)
b7 b6
b7
b0
b7
b0
Timer A1 event/trigger select bit
0 0 : Input on TA1IN is selected (Note)
b1 b0
Timer A2 event/trigger select bit
0 0 : Input on TA2IN is selected (Note)
b3 b2
Timer A3 event/trigger select bit
0 0 : Input on TA3IN is selected (Note)
b5 b4
Timer A4 event/trigger select bit
0 0 : Input on TA4IN is selected (Note)
b7 b6
Note: Set the corresponding port direction register to “0”.
Setting counter value
Can be set to 000016 to FFFF16
b7
b0
(b15)
(b8)
b7
b0
Timer A0 register [Address 038716, 038616]TA0
Timer A1 register [Address 038916, 038816]TA1
Timer A2 register [Address 038B16, 038A16]TA2
Timer A3 register [Address 038D16, 038C16]TA3
Timer A4 register [Address 038F16, 038E16]TA4
Start count
Setting count start flag
Count start flag [Address 038016]
TABSR
Timer A0 count start flag
Timer A1 count start flag
Timer A2 count start flag
Timer A3 count start flag
Timer A4 count start flag
b7
b0
Setting up/down flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com