Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 335Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 336Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 337Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 338Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 339Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 340Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 341Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 342Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 615 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-22
Figure 2.2.16. Operation timing of 2-phase pulse signal process in event counter mode, normal mode selected
2.2.7 Operation of timer A (2-phase pulse signal process in event counter mode,
normal mode selected)
In processing 2-phase pulse signals in event counter mode, choose functions from those listed in Table
2.2.6. Operations of the circled items are described below. Figure 2.2.16 shows the operation timing, and
Figure 2.2.17 shows the set-up procedure.
Item
Count operation type
2-phase pulses
process (Note)
Set-up
O
O
Reload type
Free run type
Normal processing
4-multiplication processing
Table 2.2.6. Choosed functions
Note: Timer A3 alone can be selected. Timer A2 is solely used for normal processes, and timer A4 is solely used for 4
multiplication processes.
(1) Setting the count start flag to “1” causes the counter to count effective edges of the count
source.
(2) Even if an underflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the timer Ai interrupt request bit goes to “1”.
(3) Even if an overflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the timer Ai interrupt request bit goes to “1”.
• The up count or down count conditions are as follows:
If a rising edge is present at the TAiIN pin when the input signal level to the TAiOUT pin is “H”,
an up count is performed.
If a falling edge is present at the TAiIN pin when the input signal level to the TAiOUT pin is “H”,
a down count is performed.
Operation
Note
000016
Count start flag
Timer Ai interrupt
request bit
“1”
“0”
“1”
“0”
FFFF16
TAiOUT
“H”
“L”
“H”
“L”
TAiIN
Set to “1” by software
Cleared to “0” when interrupt request is accepted, or cleared by software
(1) Start count
(2) Underflow
(3) Overflow
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com