Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 386 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 386 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 382Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 383Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 384Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 385Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 386Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 387Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 388Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 389Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 390Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-69
Example of wiring
Figure 2.4.13. Operation timing of reception in clock-synchronous serial I/O mode
1 / fEXT
Transmit enable
bit (TE)
Transmit buffer
empty flag (Tl)
CLKi
RxDi
Receive complete
flag (Rl)
RTSi
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
Receive enable
bit (RE)
“0”
“1”
The above timing applies to the following settings:
• External clock is selected.
• RTS function is selected.
• CLK polarity select bit = “0”.
fEXT: frequency of external clock
Make sure that the following conditions are met when
the CLKi pin input =“H” before data reception
• Transmit enable bit
→ “1”
• Receive enable bit
→ “1”
• Dummy data write to UARTi transmit buffer register
Receive interrupt
request bit (IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
D0 D1 D2 D3
D4 D5 D6
D7
D0 D1 D2
D3 D4 D5
Shown in ( ) are bit symbols.
Reception data is taken in
Transferred from UARTi receive register
to UARTi receive buffer register
(1) Reception enabled
(2) Start reception
(3) Reception is complete
Read out from UARTi receive buffer register
Transferred from UARTi transmit buffer register to UARTi transmit register
(4) Read of reception data
Dummy data is set in UARTi transmit buffer register
Example of operation
CLKi
RXDi
RTSi
CLK
TXD
Port
Microcomputer
Transmitter side IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com