Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 379Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 380Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 381Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 382Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 383Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 384Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 385Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 386Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-66
Internal/external clock select bit
0 : Internal clock
Setting UART1 transmit/receive mode register
UART1 transmit/receive mode register [Address 03A816]
U1MR
Invalid in clock synchronous I/O mode
Must be fixed to “001”
b7
b0
01
00
0
Invalid in clock synchronous I/O mode
Invalid in clock synchronous I/O mode
Sleep select bit
Must always be “0” in clock synchronous I/O mode
Setting UART1 transmit/receive control register 0
UART1 transmit/receive control register 0 [Address 03AC16]
U1C0
CLK polarity select bit
0 : Transmission data is output at falling edge of transfer clock and
reception data is input at rising edge
b7
b0
1
00
BRG count source select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Must not be set
b1 b0
Valid when bit 4 = “0”
Data output select bit
0 : TXDi pin is CMOS output
1 : TxDi pin is N-channel open-drain output
CTS/RTS disable bit
1 : CTS/RTS function disabled
Transmit register empty flag
0 : Data present in transmit register (during transmission)
1 : No data present in transmit register (transmission completed)
Transfer format select bit
0 : LSB first
Continued to the next page
Setting UART transmit/receive control register 2
UART transmit/receive control register 2 [Address 03B016]
UCON
CLK/CLKS select bit 1
1 : Transfer clock output from multiple pins function selected
UART0 transmit interrupt cause select bit
1 : Transmission completed (TXEPT = 1)
CLK/CLKS select bit 0
0 : Clock output to CLK1
1 : Clock output to CLKS1
Reserved bit
Must always be set to “0”
b7
b0
1
1
0
Figure 2.4.11. Set-up procedure of transmission in clock-synchronous serial I/O mode, transfer
clock output from multiple pins function selected (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com