Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 379 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 375Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 376Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 377Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 378Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 379Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 380Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 381Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 382Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-62
Figure 2.4.8. Set-up procedure of transmission in clock-synchronous serial I/O mode (1)
Continued to the next page
Internal/external clock select bit
0 : Internal clock
Setting UARTi transmit/receive mode register (i=0 to 2)
UART0 transmit/receive mode register
U0MR
[Address 03A016]
UART1 transmit/receive mode register
U1MR
[Address 03A816]
Invalid in clock synchronous I/O mode
Must be fixed to “001”
b7
b0
01
00
0
Invalid in clock synchronous I/O mode
Invalid in clock synchronous I/O mode
Sleep select bit
Must always be “0” in clock synchronous I/O mode
Internal/external clock select bit
0 : Internal clock
UART2 transmit/receive mode register
U2MR
[Address 037816]
Invalid in clock synchronous I/O mode
Must be fixed to “001”
b7
b0
01
00
0
Invalid in clock synchronous I/O mode
Invalid in clock synchronous I/O mode
TXD, RXD I/O polarity reverse bit
Usually set to “0”
Setting UARTi transmit/receive control register 0 (i=0 to 2)
UART2 transmit/receive control register 0
U2C0 [Address 037C16]
CLK polarity select bit
0 : Transmission data is output at falling edge
of transfer clock and reception data is input
at rising edge
b7
b0
00
00
CTS/RTS disable bit
0 : CTS/RTS function enabled
Transfer format select bit
0 : LSB first
UART0 transmit/receive control register 0
U0C0 [Address 03A416]
UART1 transmit/receive control register 0
U1C0 [Address 03AC16]
CLK polarity select bit
0 : Transmission data is output at falling edge
of transfer clock and reception data is input
at rising edge
b7
b0
00
00
BRG count source select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Must not be set
b1 b0
CTS/RTS function select bit
(Valid when bit 4 = “0”)
0 : CTS function is selected (Note)
CTS/RTS disable bit
0 : CTS/RTS function enabled
Transmit register empty flag
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit register
(transmission completed)
Transfer format select bit
0 : LSB first
Note: Set the corresponding port direction register to “0” .
Data output select bit
0 : TxDi pin is CMOS output
1 : TxDi pin is N-channel open-drain output
BRG count source select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Must not be set
b1 b0
CTS/RTS function select bit
(Valid when bit 4 = “0”)
0 : CTS function is selected (Note)
Transmit register empty flag
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit register
(transmission completed)
UART transmit/receive control register 2
UCON [Address 03B016]
UART0 transmit interrupt cause select bit
0 : Transmit buffer empty (Tl = 1)
CLK/CLKS select bit 1
0 : Normal mode (CLK output is CLK1 only)
UART1 transmit interrupt cause select bit
0 : Transmit buffer empty (Tl = 1)
Valid when bit 5 = “1”
Reserved bit
Must always be set to “0”
b7
b0
00
Setting UART transmit/receive control register 2 and UART2 transmit/receive control register 1
UART2 transmit/receive control register 1
U2C1 [Address 037D16]
UART2 transmit interrupt cause select bit
0 : Transmit buffer empty (Tl = 1)
Error signal output enable bit
Must always be “0” in clock synchronous I/O mode
Data logic select bit
0 : No reverse
b7
b0
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com