Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 374Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 375Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 376Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 377Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 378Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 379Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 380Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 381Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-61
D0 D1 D2 D3
D4 D5 D6
D7
D0 D1
D2 D3 D4 D5 D6 D7
TCLK
Stopped pulsing because
transfer enable bit = “0”
Tc = TCLK = 2(n + 1) / fi
fi: frequency of BRGi count source (f1, f8, f32)
n: value set to BRGi
Transfer clock
Transmit
enable bit (TE)
Transmit
buffer empty
flag (Tl)
CLKi
TxDi
Transmit register
empty flag
(TXEPT)
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
CTSi
Transmit
interrupt request
bit (IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
D0 D1
D2 D3
D4 D5 D6
D7
(1) Transmission enabled
(2) Confirming CTS
(3) Start transmission Tc
(4) Transmission is complete
(5) Transmit next data
Data is set to UARTi transmit buffer register
Stopped pulsing because CTSi = “H”
Shown in ( ) are bit symbols.
The above timing applies to the following settings:
• Internal clock is selected.
• CTS function is selected.
• CLK polarity select bit = “0”.
• Transmit interrupt cause select bit = “0”.
Transferred from UARTi transmit buffer register to UARTi transmit register
Example of wiring
CLKi
TXDi
CTSi
CLK
RXD
Port
Microcomputer
Receiver side IC
(Note)
Note : Since TXD2 pin is N-channel open drain,
this pin needs pull-up resistor.
Figure 2.4.7. Operation timing of transmission in clock-synchronous serial I/O mode
Example of operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com