Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 377Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 378Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 379Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 380Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 381Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 382Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 383Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 384Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-64
2.4.3 Operation of the Serial I/O (transmission in clock-synchronous serial I/O
mode, transfer clock output from multiple pins function selected)
Note 1: This can be selected only when UART1 is used in combination with the internal clock. When this function is
_______ _______
_______ _______
selected, UART1 CTS/RTS function can not be utilized. Set the UART1 CTS/RTS disable bit to “1”.
Note 2: UART2 only.
(1) Setting the transmit enable bit to “1” makes data transmissible status ready.
(2) When transmission data is written to the UART1 transmit buffer register, transmission data
held in the UART1 transmit buffer register is transmitted to the UART1 transmit register in
synchronization with the first falling edge of the transfer clock. At this time, the first bit of the
transmission data is transmitted from the TxD1 pin. Then the data is transmitted bit by bit
from the lower order in synchronization with the falling edges of the transfer clock.
(3) When transmission of 1-byte data is completed, the transmit register empty flag goes to “1”,
which indicates that the transmission is completed. The transfer clock stops at “H” level. At
this time, the UART1 transmit interrupt request bit goes to “1”.
(4) Setting CLK/CLKS select bit 1 to “1” and setting CLK/CLKS select bit 0 to “1” causes the
CLKS1 pin to go to the transfer clock output pin. Change the transfer clock output pin when
transmission is halted.
Operation
Item
Item
Set-up
Set-up
Transfer clock
source
CLK polarity
Internal clock (f1 / f8 / f32)
External clock (CLKi pin)
CTS function
CTS function enabled
CTS function disabled
Output transmission data at
the falling edge of the
transfer clock
Output transmission data at
the rising edge of the
transfer clock
O
O
O
Transmission
interrupt factor
Transmission buffer empty
Transmission complete
Output transfer clock
to multiple pins
(Note 1)
Not selected
Selected
O
O
Transfer clock
LSB first
MSB first
O
Data logic select
function
(Note 2)
No reverse
Reverse
O
TXD, RXD I/O
polarity reverse bit
(Note 2)
No reverse
Reverse
O
In transmitting data in clock-synchronous serial I/O mode, choose functions from those listed in Table
2.4.2. Operations of the circled items are described below. Figure 2.4.10 shows the operation timing, and
Figures 2.4.11 and 2.4.12 show the set-up procedures.
Table 2.4.2. Choosed functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com