Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 397Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 398Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 399Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 400Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 401Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 402Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 403Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 404Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 615 page
background image
UART
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-84
In transmitting data in UART mode, choose functions from those listed in Table 2.5.4. Operations of the
circled items are described below. Figure 2.5.8 shows the operation timing, and Figures 2.5.9 and 2.5.10
show the set-up procedures.
2.5.2 Operation of Serial I/O (transmission in UART mode)
Item
Set-up
Transfer clock
source
(Note 1)
Internal clock (f1 / f8 / f32)
External clock (CLKi pin)
CTS function
CTS function enabled
CTS function disabled
O
O
Transmission
interrupt factor
Transmission buffer empty
Transmission complete
O
Sleep mode
(Note 1)
Sleep mode off
Sleep mode selected
O
Item
Set-up
Data logic select
function
(Note 2)
No reverse
Reverse
O
TXD, RXD I/O
polarity reverse bit
(Note 2)
No reverse
Reverse
O
Bus collision
detection function
(Note 2)
O
Not selected
Selected
Table 2.5.4. Choosed functions
Note 1: UART0, UART1 only.
Note 2: UART2 only.
(1) Setting the transmit enable bit to “1” and writing transmission data to the UARTi transmit
buffer register readies the data transmissible status.
________
________
(2) When input to the CTSi pin goes to “L”, transmission starts (the CTSi pin needs to be con-
trolled on the reception side).
(3) Transmission data held in the UARTi transmit buffer register is transmitted to the UARTi
transmit register. At this time, the first bit (the start bit) of the transmission data is transmitted
from the TxDi pin. Then, data is transmitted, bit by bit, in sequence: LSB, ····, MSB, parity bit,
and stop bit(s).
(4) When the stop bit(s) is (are) transmitted, the transmit register empty flag goes to “1”, which
indicates that transmission is completed. At this time, the UARTi transmit interrupt request bit
goes to “1”. The transfer clock stops at “H” level.
(5) If the transmission condition of the next data is ready when transmission is completed, a start
bit is generated following to stop bit(s), and the next data is transmitted.
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com