Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 398Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 399Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 400Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 401Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 402Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 403Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 404Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 405Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 615 page
background image
UART
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-85
Example of wiring
Example of operation
TXDi
CTSi
RXD
Port
Microcomputer
Receiver side IC
(Note)
Note: Since TXD2 pin is N-channel open drain,
this pin needs pull-up resistor.
Transmit
enable bit (TE)
Transmit buffer
empty flag (Tl)
Transmit
register empty
flag (TXEPT)
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
TxDi
CTSi
“0”
“1”
“0”
“1”
“L”
“H”
“0”
“1”
Transmit
interrupt request
bit (IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
SP
D0 D1
ST
Shown in ( ) are bit symbols.
SP
Stopped pulsing because transfer enable bit = “0”
Stop
bit
Data is set in UARTi transmit buffer register
Transferred from UARTi transmit buffer register to UARTi transmit register
Tc
Transfer clock
When confirming stop bit, stopped transfer clock once because CTS = “H”
Started transfer clock again to start transmitting immediately after confirming CTS = “L”
(1) Transmission enabled
(2) Confirme CTS
(3) Start transmission
(4) Confirme stop bit
(5) Start transmission
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• CTS function is selected.
• Transmit interrupt cause select bit = “1”.
Tc = 16 (n + 1) / fi or 16 (n + 1) / fEXT
fi : frequency of BRGi count source (f1, f8, f32)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Figure 2.5.8. Operation timing of transmission in UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com