Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 435Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 436Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 437Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 438Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 439Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 440Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 441Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 442Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-122
In one-shot mode, choose functions from those listed in Table 2.7.5. Operations of the circled items are
described below. Figure 2.7.11 shows timing chart, and Figure 2.7.12 shows the set-up procedure.
2.7.5 Operation of A-D Converter (in one-shot mode, external op-amp connection mode selected)
Item
Item
Set-up
Set-up
Operation clock
φAD
Divided-by-4 fAD / divided-
by-2 fAD / fAD
8-bit / 10-bit
Software trigger
Sample & Hold
External operation amplifier
connection mode
Not activated
Activated
Expanded analog
input pin
Not used
Either ANEX0 pin or
ANEX1 pin
O
O
O
Resolution
Analog input pin
One of AN0 pin to AN7 pin
Trigger for starting
A-D conversion
O
O
O
Trigger by ADTRG
Table 2.7.5. Choosed functions
Operation (1) Setting the A-D conversion start flag to “1” causes voltage input to the ANi pin to be output
from the ANEX0 pin. The A-D conversion is carried out on voltage input to the ANEX1 pin
(connect an operation amplifier between the ANEX0 pin and the ANEX1 pin).
(2) After the A-D conversion is completed, the content of the successive comparison register
(conversion result) is transmitted to A-D register i corresponding to the ANi pin. At this time,
the A-D conversion interrupt request bit goes to “1”.
Example of wiring
Example of operation
AN0
AN1
ANEX0
ANEX1
Op-amp
Input voltage
Input voltage
Microcomputer
A-D register i
Result
φAD
A-D conversion
start flag
“1”
“0”
Set to “1” by software
A-D conversion
interrupt request
“1”
“0”
Cleared to “0” when interrupt request is accepted, or cleared by software
8-bit resolution : 28
φAD cycles
10-bit resolution : 33
φAD cycles
(1) Start A-D conversion
(2) A-D conversion is complete
Note: When
φAD frequency is less than 1MHZ, sample and hold function cannot be selected.
Conversion rate per analog input pin is 49
φAD cycles for 8-bit resolution and 59 φAD cycles for
10-bit resolution.
Figure 2.7.11. Operation timing of one-shot mode, with external op-amp connection mode selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com