Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 439Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 440Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 441Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 442Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 443Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 444Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 445Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 446Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-126
In single sweep mode, choose functions from those listed in Table 2.7.7. Operations of the circled items
are described below. Figure 2.7.15 shows timing chart, and Figure 2.7.16 shows the set-up procedure.
2.7.7 Operation of A-D Converter (in single sweep mode)
Figure 2.7.15. Operation timing of single sweep mode
Item
Item
Set-up
Set-up
Operation clock AD
Divided-by-4 fAD / divided-
by-2 fAD / fAD
8-bit / 10-bit
External ope-amp
connection mode
Expanded analog
input pin
Not used
O
O
Resolution
Analog input pin
AN0 and AN1 (2 pins) / AN0
to AN3 (4 pins) / AN0 to AN5
(6 pins) / AN0 to AN7 (8 pins)
O
O
Software trigger
Trigger for starting A-
D conversion
O
Trigger by ADTRG
Sample & Hold
Not activated
Activated
O
Operation (1) Setting the A-D conversion start flag to “1” causes the A-D converter to start the conversion
on voltage input to the AN0 pin.
(2) After the A-D conversion of voltage input to the AN0 pin is completed, the content of the
successive comparison register (conversion result) is transmitted to A-D register 0. The A-D
converter converts all analog input pins selected by the user. The conversion result is trans-
mitted to A-D register i corresponding to each pin, every time conversion on one pin is com-
pleted.
(3) When the A-D conversion on all the analog input pins selected is completed, the A-D conver-
sion interrupt request bit goes to “1”. At this time, the A-D conversion start flag goes to “0”.
The A-D converter stops operating.
Table 2.7.7. Choosed functions
Cleared to “0” when interrupt request is accepted, or cleared by software
A-D conversion
start flag
“1”
“0”
A-D register 0
A-D register 1
φAD
A-D register i
Result
Result
Result
Set to “1” by software
8-bit resolution : 28
φAD cycles
10-bit resolution : 33
φAD cycles
8-bit resolution : 28
φAD cycles
10-bit resolution : 33
φAD cycles
(1) Start A-D conversion
After A-D conversion on AN0 pin is complete,
A-D converter begins converting all pins selected
A-D conversion
is complete
(2)
Note: When
φAD frequency is less than 1MHZ, sample and hold function cannot be selected.
Conversion rate per analog input pin is 49
φAD cycles for 8-bit resolution and 59 φAD cycles for 10-bit resolution.
(3)
A-D conversion
interrupt request
bit
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com