Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 465Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 466Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 467Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 468Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 469Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 470Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 471Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 472Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 615 page
background image
CRC Calculation Circuit
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-152
2.10.1 Overview of the CRC calculation circuit usage
Cyclic Redundancy Check (CRC) is a method that compares CRC code formed from transmission data
by use of a polynomial generation with CRC check data so as to detect errors in transmission data. Using
the CRC calculation circuit allows generation of CRC code. A polynomial counter is used for the polyno-
mial generation of CRC_CCITT (X16 + X12 + X5 + 1).
(1) Registers related to CRC calculation circuit
Figure 2.10.1 shows the memory map of CRC-related registers, and Figure 2.10.2 shows CRC- re-
lated registers.
2.10 CRC Calculation Circuit Usage
Figure 2.10.1. Memory map of CRC-related registers
03BC16
03BD16
03BE16
CRC data register (CRCD)
CRC input register (CRCIN)
Figure 2.10.2. CRC-related registers
Symbol
Address
When reset
CRCD
03BD16, 03BC16
Indeterminate
b7
b0 b7
b0
(b15)
(b8)
CRC data register
W
R
CRC calculation result output register
Function
Values that
can be set
000016 to FFFF16
Symbo
Address
When reset
CRCIN
03BE16
Indeterminate
b7
b0
CRC input register
W
R
Data input register
Function
Values that
can be set
0016 to FF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com