Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 462Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 463Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 464Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 465Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 466Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 467Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 468Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 469Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 615 page
background image
DMAC
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-149
Figure 2.9.5. Set-up procedure of one-shot transfer mode
When software DMA request bit = “1”
Setting DMAi request cause select register
DMAi request cause select register (i = 0, 1) [Address 03B816, 03BA16]
DMiSL(i = 0, 1)
DMA request cause select bit
0 0 0 1 : Software trigger
b3 b2 b1 b0
b7
b0
01
0
0
0
Software DMA request bit
Set to “0”
Setting DMAi control register
DMAi control register (i = 0, 1) [Address 002C16, 003C16]
DMiCON(i = 0, 1)
Transfer unit bit select bit
1 : 8 bits
Repeat transfer mode select bit
0 : Single transfer
DMA request bit
0 : DMA not requested
DMA enable bit
0 : Disabled
Source address direction select bit
1 : Forward (Bit 4 and bit 5 cannot be set to “1” simultaneously)
Destination address direction select bit
0 : Fixed (Bit 4 and bit 5 cannot be set to “1” simultaneously)
b7
b0
01
0
0
01
Setting DMAi source pointer
Source pointer
Stores the source address
b7
b0
(b15)
(b8)
b7
b0
b7
b0
(b16)
(b23)
DMA0 source pointer [Address 002216 to 002016] SAR0
DMA1 source pointer [Address 003216 to 003016] SAR1
b3
(b19)
Setting DMAi destination pointer
Destination pointer
Stores the destination address
b7
b0
(b15)
(b8)
b7
b0
b7
b0
(b16)
(b23)
DMA0 destination pointer [Address 002616 to 002416] DAR0
DMA1 destination pointer [Address 003616 to 003416] DAR1
b3
(b19)
Setting DMAi transfer counter
Transfer counter
Set a value one less than the transfer count
b0
(b8)
b7
b0
DMA0 transfer counter [Address 002916, 002816] TCR0
DMA1 transfer counter [Address 003916, 003816] TCR1
b0
(b15)
Setting DMAi control register
DMAi control register (i = 0, 1) [Address 002C16, 003C16]
DMiCON(i = 0, 1)
DMA enable bit
1 : Enabled
b7
b0
1
Note: Clear DMA request bit simultaneously again.
Start DMA transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com