Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 464 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 460Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 461Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 462Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 463Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 464Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 465Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 466Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 467Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 615 page
background image
DMAC
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-147
Figure 2.9.3. DMAC-related registers (2)
b7
b0
b7
b0
(b8)
(b15)
Function
RW
• Transfer counter
Set a value one less than the transfer count
Symbol
Address
When reset
TCR0
002916, 002816
Indeterminate
TCR1
003916, 003816
Indeterminate
DMAi transfer counter (i = 0, 1)
Transfer count
specification
000016 to FFFF16
b7
(b23)
b3
b0
b7
b0
b7
b0
(b8)
(b16)(b15)
(b19)
Function
RW
• Source pointer
Stores the source address
Symbol
Address
When reset
SAR0
002216 to 002016
Indeterminate
SAR1
003216 to 003016
Indeterminate
DMAi source pointer (i = 0, 1)
Transfer address
specification
0000016 to FFFFF16
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Symbol
Address
When reset
DAR0
002616 to 002416
Indeterminate
DAR1
003616 to 003416
Indeterminate
b3
b0
b7
b0
b7
b0
(b8)
(b15)
(b16)
(b19)
Function
RW
• Destination pointer
Stores the destination address
DMAi destination pointer (i = 0, 1)
Transfer address
specification
0000016 to FFFFF16
b7
(b23)
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
DMAi control register
Symbol
Address
When reset
DMiCON(i=0,1)
002C16, 003C16
00000X002
Bit name
Function
Bit symbol
Transfer unit bit select bit
b7
b6
b5
b4
b3
b2
b1
b0
0 : 16 bits
1 : 8 bits
DMBIT
RW
DMASL
DMAS
DMAE
Repeat transfer mode
select bit
0 : Single transfer
1 : Repeat transfer
DMA request bit (Note 1)
0 : DMA not requested
1 : DMA requested
0 : Disabled
1 : Enabled
0 : Fixed
1 : Forward
DMA enable bit
Source address direction
select bit (Note 3)
Destination address
direction select bit (Note 3)
0 : Fixed
1 : Forward
DSD
DAD
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Note 1: DMA request can be cleared by resetting the bit.
Note 2: This bit can only be set to “0”.
Note 3: Source address direction select bit and destination address direction select bit
cannot be set to “1” simultaneously.
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com