Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 456Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 457Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 458Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 459Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 460Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 461Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 462Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 463Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 615 page
background image
D-A Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-143
The following is the D-A converter operation. Figure 2.8.3 shows the set-up procedure.
2.8.2 D-A Converter Operation
(1) Writing a value to the D-A register starts D-A conversion.
(2) Setting the D-Ai output enable bit to “1” outputs an analog signal on the DAi pin.
(3) The D-A converter continues outputting an analog signal until the D-A output enable bit is set
to “0”.
Operation
Figure 2.8.3. Set-up procedure of D-A converter
Setting D-A register
D-A register 0 [Address 03D816] DA0
D-A register 1 [Address 03DA16] DA1
Output value of D-A conversion
b7
b0
D-A0 output enable bit
1 : Output enabled
Setting D-A control register
D-A Control register [Address 03DC16]
DACON
b7
b0
D-A1 output enable bit
1 : Output enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com