Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 455Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 456Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 457Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 458Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 459Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 460Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 461Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 462Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 615 page
background image
D-A Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-142
2.8 D-A Converter Usage
Figure 2.8.2. D-A converter-related registers
Figure 2.8.1. Memory map of D-A converter-related registers
03D816
03D916
03DA16
03DB16
03DC16
D-A register 0 (DA0)
D-A register 1 (DA1)
D-A control register (DACON)
D-A control register
Symbol
Address
When reset
DACON
03DC16
0016
b7
b6
b5
b4
b3
b2
b1
b0
D-A0 output enable bit
DA0E
Bit symbol
Bit name
Function
R W
0 : Output disabled
1 : Output enabled
D-A1 output enable bit
0 : Output disabled
1 : Output enabled
DA1E
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”
D-A register
Symbol
Address
When reset
DAi (i = 0,1)
03D816, 03DA16
Indeterminate
W
R
b7
b0
Function
R W
Output value of D-A conversion
2.8.1 Overview of the D-A converter usage
The D-A converter used in the M16C/62A group is based on the 8-bit R-2R technique.
(1) Output voltage
The D-A converter outputs voltage within a range from 0 V to VREF. The output voltage is determined
by VREF/(256) X the D-A register contents.
The D-A converter is not effected by the Vref connection bit of the A-D converter.
(2) Conversion time
tsu = 3
µs
(3) Output from the D-A converter and the direction register
To use the D-A converter, do not set the direction register of the relevant port to output.
(4) Pins related to the D-A converter
• DA0 pin, DA1 pin
Output pins of the D-A converter
• AVcc pin
The power source pin of the analog section
• VREF pin
Input pin of the reference voltage
• AVss pin
The GND pin of the analog section
(5) Registers related to the D-A converter
Figure 2.8.1 shows the memory map of D-A converter-related registers, and Figure 2.8.2 shows D-A
converter-related registers.
(6) Note
D-A output pins shared with P93 and P94. The two pins are input ports and floating at the reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com