Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 452Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 453Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 454Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 455Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 456Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 457Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 458Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 459Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-139
2.7.14 Internal Equivalent Circuit of Analog Input
Figure 2.7.28 shows the internal equivalent circuit of analog input.
Figure 2.7.28. Internal equivalent circuit to analog input
ON resistor
approx. 2k
A-D successive conversion
register
Analog input voltage
AVcc
AVss
Chopper-type
amplifier
ADT/A-D conversion
interrupt request
Vcc
Vss
VIN
A-D control register 0
Comparison voltage
Comparison reference voltage (Vref) generator
VREF
AVss
Vref
b2 b1 b0
Vcc
Vss
AN i
Wiring resistor
approx. 0.2k
ON resistor
approx. 0.6k
SW2
Sampling
control signal
SW1
C = Approx. 3.0pF
SW3
SW4
AMP
ON resistor,
approx. 5k
SW2
Reference control
signal
Resistor
ladder
Control signal
for SW2
Control signal
for SW3
Connect to
Connect to
Comparison
Connect to
Connect to
Sampling
i ladder-type
switches
i ladder-type wiring
resistors
ON resistor
approx. 0.6k
AN0
Parasitic
diode
SW1
SW1 conducts only on the ports selected for analog input.
SW2 and SW3 are open when A-D conversion is not in
progress; their status varies as shown by the waveforms in
the diagrams on the left.
SW4 conducts only when A-D conversion is not in progress.
Parasitic
diode
Warning: Use only as a standard for designing this data.
Mass production may cause some changes in device characteristics.
(i = 10)
(i = 10)
Ω
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com