Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 482Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 483Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 484Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 485Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 486Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 487Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 488Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 489Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 615 page
background image
Multiple Interrupts
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-169
Table 2.14.2. Interrupt levels enabled according
to the contents of the IPL
Table 2.14.1. Settings of interrupt priority levels
When either the IPL or the interrupt priority level is changed, the new level is reflected to the interrupt
in the following timing:
• When changing the IPL using the REIT instruction, the reflection takes effect as of the instruction
that is executed in 2 clock cycles after the last clock cycle in volved in the REIT instruction.
• When changing the IPL using either the POPC, LDC or LDIPL instruction, the reflection takes
effect as of the instruction that is executed in 3 cycles after the last clock cycle involved in the
instruction used.
• When changing the interrupt priority level using the MOV or similar instruction, the reflection takes
effect as of the instruction that is executed in 2 clock cycles after the last clock cycle involved in
the instruction used.
(5) Interrupt Priority
If there are two or more interrupt requests occurring at a point in time within a single sampling (check-
ing whether interrupt requests are made), the interrupt assigned a higher priority is accepted.
Assign an arbitrary priority to maskable interrupts (peripheral I/O interrupts) using the interrupt priority
level select bit. If the same interrupt priority level is assigned, however, the interrupt assigned a higher
hardware priority is accepted.
Priorities of the special interrupts, such as Reset (dealt with as an interrupt assigned the highest
priority), watchdog timer interrupt, etc. are regulated by hardware.
Figure 2.14.4 shows the priorities of hardware interrupts.
Software interrupts are not affected by the interrupt priority. If an instruction is executed, control
branches invariably to the interrupt routine.
Interrupt priority
level select bit
Interrupt priority
level
Priority
order
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
Level 0 (interrupt disabled)
Level 1
Level 2
Level 3
Level 4
Level 5
Level 6
Level 7
Low
High
b2 b1 b0
Enabled interrupt priority levels
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
Interrupt levels 1 and above are enabled
Interrupt levels 2 and above are enabled
Interrupt levels 3 and above are enabled
Interrupt levels 4 and above are enabled
Interrupt levels 5 and above are enabled
Interrupt levels 6 and above are enabled
Interrupt levels 7 and above are enabled
All maskable interrupts are disabled
IPL2 IPL1 IPL0
IPL
Figure 2.14.4. Hardware interrupts priorities
_______
________
Reset > NMI > DBC > Watchdog timer > Peripheral I/O > Single step > Address match
The interrupt enable flag (I flag), the interrupt request bit, the interrupt priority select bit, and the IPL
are independent, and they are not affected by one another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com