Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 486Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 487Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 488Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 489Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 490Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 491Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 492Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 493Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 615 page
background image
Power Control
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-173
2.15 Power Control Usage
2.15.1 Overview of the power control usage
‘Power Control’ refers to the reduction of CPU power consumption by stopping the CPU and oscillators,
or decreasing the operation clock. The following is a description of the three available power control
modes:
(1) Modes
Power control is available in three modes.
(a) Normal operation mode
• High-speed mode
Divide-by-1 frequency of the main clock becomes the BCLK. The CPU operates with the BCLK
selected. Each peripheral function operates according to its assigned clock.
• Medium-speed mode
Divide-by-2, divide-by-4, divide-by-8, or divide-by-16 frequency of the main clock becomes the
BCLK. The CPU operates according to the BCLK selected. Each peripheral function operates
according to its assigned clock.
• Low-speed mode
fC becomes the BCLK. The CPU operates according to the fc clock. The fC clock is supplied by the
secondary clock. Each peripheral function operates according to its assigned clock.
• Low power consumption mode
The main clock operating in low-speed mode is stopped. The CPU operates according to the fc
clock. The fc clock is supplied by the secondary clock. The only peripheral functions that operate
are those with the sub-clock selected as the count source.
(b) Wait mode
The CPU operation is stopped. The oscillators do not stop.
(c) Stop mode
All oscillators stop. The CPU and all built-in peripheral functions stop. This mode, among the three
modes listed here, is the most effective in decreasing power consumption.
Figure 2.15.1 is the state transition diagram of the above modes.
(2) Switching the driving capacity of the oscillation circuit
Both the main clock and the secondary clock have the ability to switch the driving capacity. Reducing
the driving capacity after the oscillation stabilizes allows for further reduction in power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com