Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 514 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 510Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 511Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 512Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 513Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 514Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 515Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 516Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 517Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-197
Timer A Applications
FFFF16
l
000016
l = reload register content
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
000116
n
FFFF16
Time
(1) Timer A0 start count
Time
Timer A1 count
start flag
Timer A1 interrupt
request bit
Timer A0 interrupt
request bit
Timer A0 count
start flag
PWM pulse output
from TA1OUT pin
“H”
“L”
n = reload register content
Set to “1” by software
Set to “1” by software
Cleared to “0” when interrupt request is accepted, or cleared by software
Cleared to “0” when interrupt request is accepted, or cleared by software
1ms
500µs
(2) Timer A0 underflow
(3) Timer A1 start count
(4) Timer A1 stop count
Figure 3.2.2. Connection diagram of variable-period variable-duty PWM output
f1
f8
f32
fC32
Timer A0
Timer A1
Timer A0 interrupt request bit
Timer A1 interrupt request bit
Used for timer mode (Set to period)
Used for one-shot timer mode (Set to “H” width)
Figure 3.2.1. Operation timing of variable-period variable-duty PWM output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com