Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 517 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 517 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 513Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 514Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 515Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 516Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 517Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 518Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 519Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 520Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 521Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 517 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-200
Timer A Applications
The following are steps of outputting a pulse only once after a specified elapse since an external
trigger is input. Figure 3.3.1 shows the operation timing, Figure 3.3.2 shows the connection dia-
gram, and Figures 3.3.3 and 3.3.4 show the set-up procedure.
Use the following peripheral function:
• One-shot timer mode of timer A
(1) Set timer A0 in one-shot timer mode, and set timer A1 in one-shot timer mode with pulse-
output function.
(2) Set 1 ms, an interval before a pulse is output, in timer A0; and set 50
µs, a pulse width, in timer
A1. Both timer A0 and timer A1 use f1 for the count source.
(3) Connect a 16-MHz oscillator to XIN.
(1) Setting the trigger select bit to “1” and setting the count start flag to “1” enables the counter of
timer A0 to count.
(2) If an effective edge, selected by use of the external trigger select bit, is input to the TA0IN pin,
the counter begins a down count. The counter of timer A0 performs a down count on count
source f1.
(3) As soon as the counter of timer A0 becomes “000016”, the counter reloads the content of the
reload register and stops counting. At this time, the timer A0 interrupt request bit goes to “1”.
(4) An underflow in timer A0 triggers the counter of timer A1 and causes it to begin counting.
When timer A1 begins counting, the output level of the TA1OUT pin goes to “H”.
(5) As soon as the counter of timer A1 becomes “000016”, the output level of the TA1OUT pin
goes to “L”, the counter reloads the content of the reload register, and stops counting. At this
time, timer A1 interrupt request bit goes to “1”.
3.3 Delayed One-Shot Output
Overview
Specifications
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com