Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 516Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 517Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 518Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 519Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 520Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 521Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 522Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 523Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-203
Timer A Applications
Figure 3.3.4. Set-up procedure of delayed one-shot output (2)
Start counting
Continued from the previous page
Setting one-shot timer's time
b7
b0
(b15)
(b8)
b7
b0
Timer A1 register [Address 038916, 038816]
TA1
0316
2016
Setting count start flag
Count start flag [Address 038016]
TABSR
Timer A0 count start flag
1 : Starts counting
Timer A1 count start flag
1 : Starts counting
b7
b0
11
Setting timer A1
Selecting one-shot timer mode and functions
Pulse output function select bit
1 : Pulse is output (TA1OUT pin is pulse output pin)
Timer A1 mode register [Address 039716]
TA1MR
External trigger select bit
Invalid when choosing timer's overflow
Selection of one-shot timer mode
b7
b0
10
01
1
0 (Must always be “0” in one-shot timer mode)
Count source select bit
0 0 : f1
b7 b6
Trigger select bit
1 : Selected by event/trigger select register
0
00
Setting trigger select register
(Set timer A0 to trigger timer A1)
b7
b0
Trigger select register [Address 038316]
TRGSR
0
1
Timer A1 event/trigger select bit
1 0 : TA0 overflow is selected
b1 b0
Count source period
f(XIN) : 16MHZ
f(XcIN) : 32.768kHZ
b7 b6
Count
source
62.5ns
500ns
2µs
976.56µs
00
01
10
11
f1
f8
f32
fC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com