Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 521 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 521 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 517Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 518Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 519Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 520Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 521Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 522Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 523Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 524Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 525Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 615 page
background image
Timer A Applications
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-204
3.4 Buzzer Output
Overview
Specifications
Operation
Figure 3.4.1. Operation timing of buzzer output
“0”
“1”
“0”
“1”
Timer A0
overflow timing
Count start flag
Pulse output
function select bit
P70 output
“0”
“1”
High-impedance
High-impedance
(1) Start count
(2) Buzzer output ON
(3) Buzzer output OFF
The timer mode is used to make the buzzer ring. Figure 3.4.1 shows the operation timing, and
Figure 3.4.2 shows the set-up procedure.
Use the following peripheral function:
• The pulse-outputting function in timer mode of timer A.
(1) Sound a 2-kHz buzz beep by use of timer A0.
(2) Effect pull-up in the relevant port by use of a pull-up resistor. When the buzzer is off, set the
port high-impedance, and stabilize the potential resulting from pulling up.
(3) Connect a 16-MHz oscillator to XIN.
(1) The microcomputer begins performing a count on timer A0. Timer A0 has disabled interrupts.
(2) The microcomputer begins pulse output by setting the pulse output function select bit to
“Pulse output effected”. P70 changes into TA0OUT pin and outputs 2-kHz pulses.
(3) The microcomputer stops outputting pulses by setting the pulse output function select bit to
“Pulse output not effected”. P70 goes to an input pin, and the output from the pin becomes
high-impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com