Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 529 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 529 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 525Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 526Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 527Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 528Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 529Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 530Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 531Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 532Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 533Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 615 page
background image
Controlling Power Applications
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-212
3.7 Controlling Power Using Stop Mode
The following are steps for controlling power using stop mode. Figure 3.7.1 shows the operation
timing, Figure 3.7.2 shows an example of circuit, and Figures 3.7.3 and 3.7.4 show the set-up
procedure.
Use the following peripheral functions:
• Key-input interrupts
• Stop mode
• Pull-up function
_____
(1) Use P100 through P103 for the scan output pins of a key matrix. Use the input pins (KI0
_____
through KI3) of the key-input interrupt function for the key-input reading pins. The pull-up
function is also used.
(2) If a key-input interrupt request occurs, clear the stop mode and read a key.
_____
_____
(1) Enable a key-input interrupt and set the pull-up function to pins KI0 through KI3. Change the
output of P100 through P103 to “L” and enter stop mode.
_____
_____
(2) If a key is pressed, “L” is input to one of pins KI0 through KI3 to clear stop mode. A key-input
interrupt occurs to execute the key-input interrupt handling routine.
(3) Sequentially set P100 through P103 to “L” to determine which key was pressed.
(4) When the process to determine the key pressed is completed, change the output from P100
through P103 to “L” again and enter stop mode.
Figure 3.7.1. Operation timing of controlling power using stop mode
P100 output
P101 output
P102 output
P103 output
P104 to P107 input
Key input
Key OFF
Key OFF
Key ON
Stop mode
Key input
interrupt processing
CPU clock
Stop mode
Key matrix scan
(1) Shift to stop mode
(2) Cancel a stop mode
(3) Key scan
(4) Shift to stop mode
Key ON
Overview
Specifications
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com