Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 531 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 531 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 527Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 528Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 529Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 530Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 531Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 532Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 533Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 534Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 535Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 615 page
background image
Controlling Power Applications
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-214
Figure 3.7.3. Set-up procedure of controlling power using stop mode (1)
Canceling protect
Protect register [Address 000A16]
PRCR
b7
b0
1
Enables writing to system clock control registers 0 and 1
(addresses 000616 and 000716)
1 : Write-enabled
Main
NOP instruction X 4
Key input interrupt request generation
Initial condition
b7
b0
Pull-up control register 2
[Address 03FE16]
PUR2
P104 to P107 pulled high
1
Port P10 register
[Address 03F416]
P10
b7
b0
0
0
0
0
Key scan data
Processor interrupt priority level (IPL) = 0
Interrupt enable flag (I) =0
Key input interrupt control register
[Address 004D16]
KUPIC
Interrupt priority level select bit
Set higher value than the present IPL
b7
b0
1
0
0
Port P10 direction register
[Address 03F616]
PD10
Key scan output port
Key scan input port
b7
b0
1
1
1
1
0
0
0
0
Setting interrupt except stop mode cancel
I
nterrupt control register TBiIC(i=3 to 5) [Address 004516 to 004716]
BCNIC
[Address 004A16]
DMiIC(i=0, 1)
[Address 004B16, 004C16]
ADIC
[Address 004E16]
SiTIC(i=0 to 2) [Address 005116, 005316, 004F16]
SiRIC(i=0 to 2) [Address 005216, 005416, 005016]
TAiIC(i=0 to 4) [Address 005516 to 005916]
TBiIC(i=0 to 2) [Address 005A16 to 005C16]
Interrupt priority level select bit
000 : Interrupt disabled
b7
b0
0
0
0
Interrupt priority level select bit
000 : Interrupt disabled
b7
b0
0
0
0
INTiIC(i=0 to 2)
[Address 005D16 to 005F16]
0
Reserved bit
Must always be set to “0”
All clocks off (stop mode)
System clock control register 1 [Address 000716]
CM1
b7
b0
All clock stop control bit
1 : All clocks off (stop mode)
1
00
00
Reserved bit
Must always be set to “0”
Setting operation clock after returning from stop mode
System clock control register 0
[Address 000616]
CM0
XCIN-XCOUT generation
Port XC select bit
b7
b0
System clock select bit
XCIN, XCOUT
As this register becomes setting mentioned above when operating with XCIN
(count source of BCLK is XCIN), the user does not need to set it again.
When operating with XIN, set port Xc select bit to “1” before setting system
clock select bit to “1”. The both bits cannot be set at the same time.
1
1
(When operating with XCIN after returning)
System clock control register 0
[Address 000616]
CM0
On
Main clock (XIN-XOUT) stop bit
b7
b0
System clock select bit
XIN, XOUT
As this register becomes setting mentioned above when
operating with XIN (count source of BCLK is XIN),
the user does not need to set it again.
00
(When operating with XIN after returning)
Interrupt enable flag (I flag)
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com