Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 534 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 530Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 531Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 532Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 533Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 534Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 535Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 536Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 537Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 615 page
background image
Controlling Power Applications
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-217
Figure 3.8.2. Set-up procedure of controlling power using wait mode (1)
Main
Setting interrupt except clearing wait mode
Interrupt control register
TBiIC(i=3 to 5)
[Address 004516 to 004716]
BCNIC
[Address 004A16]
DMiIC (i = 0, 1)
[Address 004B16, 004C16]
KUPIC
[Address 004D16]
ADIC
[Address 004E16]
SiTIC (i = 0 to 2)
[Address 005116, 005316, 004F16]
SiRIC (i = 0 to 2)
[Address 005216, 005416, 005016]
TAiIC (i = 0 to 4)
[Address 005516 to 005916]
TBiIC (i = 0, 1)
[Address 005A16, 005B16]
INTiIC (i =3)
[Address 004416]
SiIC/INTjIC (i =4 to 3) [Address 004816 to 004916]
(j=3, 4)
[Address 004816 to 004916]
INTiIC (i =1 to 2)
[Address 005E16 to 005F16]
b7
b0
0
0
0
Interrupt priority level select bit
b2 b1 b0
0 0 0 : Interrupt disabled
Initial condition
Processor interrupt priority level (IPL) = 0
Interrupt enable flag (I) = 0
b15
b8
b7
b0
0316
FF16
Timer B2 register [Address 039516, 039416]
TB2
b7
b0
1
Clock prescaler reset flag [Address 038116]
CPSRF
Rrescaler is reset
b7
b0
Count start flag [Address 038016]
TABSR
1
TB2 start counting
b7
b0
1
0
0
Timer B2 interrupt control register [Address 005C16]
TB2IC
TB2 interrupt priority level
System clock select bit
0 : XIN-XOUT
b7
b0
00
1
System clock control register 0 [Address 000616]
CM0
Port XC select bit
1 : Functions as XCIN-XCOUT oscillator
Main clock (XIN-XOUT) stop bit
0 : Oscillating
Main clock divide ratio select bit 0
XCIN-XCOUT drive capacity select bit
b7
b0
Timer B2 mode register [Address 039D16]
TB2MR
10
0
1
Operation mode select bit
b1 b0
0 0 : Timer mode
Count source select bit
b7 b6
1 1 : fC32 (f(XCIN) divided by 32)
b7
b0
1
0
0
INT0 interrupt control register [Address 005D16]
INT0IC
INT0 interrupt priority level
Continued to the next page
0
WAIT peripheral function clock stop bit
0 : Do not stop peripheral function clock in wait mode
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com