Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 541Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 542Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 543Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 544Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 545Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 546Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 547Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 548Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-228
Microcomputer
A1 to A19
D0 to D15
CS0
RD
CNVSS
BYTE
WRL
Am29LV008B
A18
A0
to
DQ0
DQ7
to
WE
CE
OE
A19
A1
to
D0
D7
to
CS0
RD
Am29LV008B
A18
A0
to
DQ0
DQ7
to
WE
CE
OE
A19
A1
to
D8
D15
to
CS0
RD
Figure 4.3.3. Example of connecting two Am29LV008B's to a 16-bit data bus
________ ________
Figure 4.3.3 shows how to connect two Am29LV008B (flash memory). In 16-bit bus mode, the BHE/WRH
________
pin functions as BHE. When connecting 8-bit flash memory chips to the 16-bit bus, make sure the
________
______
microcomputer’s WRL pin is connected to the WR pins on both flash memory chips, and that data is
written to the flash memory in units of 16 bits beginning with an even address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com