Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 549 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 549 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 545Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 546Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 547Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 548Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 549Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 550Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 551Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 552Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-232
4.4 Connectable Memories
4.4.1 Operation Frequency and Access Time
Connectable memories depend upon the BCLK frequency f(BCLK). The frequency of f(BCLK) is equal to
that of the BCLK , and is contingent on the oscillator's frequency and on the settings in the system clock
select bits (bit 6 of address 000616, and bits 6 and 7 of address 000716).
The following are the conditional equations for the connections. Meet these conditions minimally. Fig-
ures 4.4.1 and 4.4.2 show the relation between the frequency of BCLK and memory.
(1) Read cycle time (tCR)/write cycle time (tCW)
Read cycle time (tCR) and write cycle time (tCW) must satisfy the following conditional expressions:
• With the Wait option cleared
tCR < 109/f(BCLK) and tCW < 109/f(BCLK)
• With the Wait option selected
tCR < 2 X 109/f(BCLK) and tCW < 2 X 109/f(BCLK)
(2) Address access time [ta(A)]
Address access time [ta(A)] must satisfy the following conditional expressions:
(a) Vcc = 5V
• With the Wait option cleared
ta(A) < 109/f(BCLK) – 65(ns)*
• With the Wait option selected
ta(A) < 2 X 109/f(BCLK) – 65(ns)*
* 65(ns)
= td(BCLK – AD) + tsu(DB – RD) – th(BCLK – RD)
= (address output delay time) + (data input setup time) – (RD signal output hold time)
(b) Vcc = 3V
• With the Wait option cleared
ta(A) < 109/f(BCLK) – 140(ns)*
• With the Wait option selected
ta(A) < 2 X109/f(BCLK) – 140(ns)*
* 140(ns) = td(BCLK-AD) + tsu(DB – RD) – th(BCLK – RD)
= (address output delay time) + (data input setup time) – (RD signal output hold time)
(3) Chip select access time [ta(S)]
Chip select access time [ta(S)] must satisfy the following conditional expressions:
(a) Vcc = 5V
• With the Wait option cleared
ta(S) < 109/f(BCLK) – 65(ns)*
• With the Wait option selected
ta(S) < 2 X109/f(BCLK) – 65(ns)*
* 65(ns)
= td(BCLK – CS) + tsu(DB – RD) – th(BCLK – RD)
= (chip select output delay time) + (data input setup time) – (RD signal output hold time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com