Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 553 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 553 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 549Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 550Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 551Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 552Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 553Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 554Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 555Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 556Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 557Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-236
4.4.2 Connecting Low-Speed Memory
To connect memory with long access time [ta(A)], either decrease the frequency of BCLK or set a soft-
________
ware wait. Using the RDY feature allows you to connect memory having the timing that precludes con-
nection though you set software wait.
(1) Using software wait
Set software wait by using either of bit 7 (PM17) of processor mode register 1 or bits 4 through 7
(CS0W through CS3W) of the chip select control register. With software wait set, if an address space
is accessed in which a separate bus is selected, the bus cycle results in two cycles of BCLK; if an
address space is accessed in which a multiplex bus is selected, the bus cycle results in three cycles of
BCLK.
If bit 7 (PM17) of processor mode register 1 is set to “Wait selected”, the microcomputer accesses
every area with this option in effect. If bit 7 (PM17) of processor mode register 1 is set to “Wait
cleared”, the Wait option can be either selected or cleared, chip select by chip select, by setting bits
4 through 7 (CS0W through CS3W) of the chip select control register. Figures 4.4.3 through 4.4.5
show relation of processor mode and the wait bit (PM17, CSiW).
Figure 4.4.3. Relation of processor mode and the wait bit (PM17, CSiW) (1)
BCLK X 2
BCLK X 1
BCLK X 1
SFR area
Internal RAM area
Internal ROM area
Single-chip mode
(When, PM17 = “0”)
0000016
0040016
FFFFF16
E800016
02C0016
BCLK X 2
BCLK X 2
SFR area
Internal RAM area
Single-chip mode
(When, PM17 = “1”)
0000016
0040016
BCLK X 2
Internal ROM area
FFFFF16
02C0016
E800016
In case of M30620MAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com