Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 567Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 568Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 569Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 570Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 571Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 572Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 573Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 574Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 615 page
background image
Appendix 1
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-254
Appendix 1 Check Sheet
The following check sheet was created based on items which had been the source of problems in the past.
We recommend you refer to the check sheet when troubleshooting.
Are you making use of Technical News?
For the latest copy of Technical News, contact an authorized dealer.
Checks regarding register initial settings
Has the initial setting been made in the interrupt stack pointer (ISP) at the top of the program?
Has the initial setting been made in the user stack pointer (USP)? (Only if using the USP)
Does the USP overlap the ISP area? (Only if using the USP)
Is interrupt enabled after setting the ISP and USP?
Is the top address of the variable interrupt vector table set in the interrupt table register (INTB)?
Is interrupt enabled after setting the INTB?
Has the initial setting been made in the frame base register (FB)? (Only if using the FB)
Has the initial setting been made in the stack base register (SB)? (Only if using the SB)
Checks regarding the internal memory
Does the RAM capacity used in the program exceed the RAM capacity of the microcomputer?
Does the ROM capacity used in the program exceed the ROM capacity of the microcomputer?
Checks regarding the protect register
Is writing enabled in the protect register (address 000A16) before writing in the system clock control
register (addresses 000616 and 000716)?
Is writing enabled in the protect register before writing in the processor mode register (addresses
000416 and 000516)?
Is writing enabled in the protect register before writing in the port P9 direction register (address
03F316)?
Is writing effectuated in the port P9 direction register by the next instruction after writing is enabled in
the protect register?
Does not an interrupt generate between the instruction writing is enabled in the protect register and
the instruction writing in the port P9 direction register?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com