Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 573 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 573 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 569Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 570Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 571Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 572Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 573Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 574Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 575Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 576Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 615 page
background image
Appendix 2 Hexadecimal instruction CODE table
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-256
D7 to D4
0000
0001
0010
0011
0100
0101
0110
0111
D3 to D0
0
1
2
3
4
5
6
7
0000
0
BRK
AND.B:S
ADD.B:S
MOV.B:S
BCLR:S
BNOT:S
JMP.S
MULU.B
R0H,R0L
R0H,R0L
R0H,A0
0,11[SB]
0,11[SB]
label
src,dest
0001
1
MOV.B:S
AND.B:S
ADD.B:S
MOV.B:S
BCLR:S
BNOT:S
JMP.S
MULU.W
R0L,dsp:8[SB]
dsp:8[SB],R0L
dsp:8[SB],R0L
dsp:8[SB],A0
1,11[SB]
1,11[SB]
label
src,dest
0010
2
MOV.B:S
AND.B:S
ADD.B:S
MOV.B:S
BCLR:S
BNOT:S
JMP.S
MOV.B:G
R0L,dsp:8[FB]
dsp:8[FB],R0L
dsp:8[FB],R0L
dsp:8[FB],A0
2,11[SB]
2,11[SB]
label
src,dest
0011
3
MOV.B:S
AND.B:S
ADD.B:S
MOV.B:S
BCLR:S
BNOT:S
JMP.S
MOV.W:G
R0L,abs16
abs16,R0L
abs16,R0L
abs16,A0
3,11[SB]
3,11[SB]
label
src,dest
0100
4
NOP
AND.B:S
ADD.B:S
MOV.B:S
BCLR:S
BNOT:S
JMP.S
CODE_74
R0L,R0H
R0L,R0H
R0Çk,A1
4,11[SB]
4,11[SB]
label
0101
5
MOV.B:S
AND.B:S
ADD.B:S
MOV.B:S
BCLR:S
BNOT:S
JMP.S
CODE_75
R0H,dsp:8[SB]
dsp:8[SB],R0H
dsp:8[SB],R0H
dsp:8[SB],A1
5,11[SB]
5,11[SB]
label
0110
6
MOV.B:S
AND.B:S
ADD.B:S
MOV.B:S
BCLR:S
BNOT:S
JMP.S
CODE_76
R0H,dsp:8[FB]
dsp:8[FB],R0H
dsp:8[FB],R0H
dsp:8[FB],A1
6,11[SB]
6,11[SB]
label
0111
7
MOV.B:S
AND.B:S
ADD.B:S
MOV.B:S
BCLR:S
BNOT:S
JMP.S
CODE_77
R0H,abs16
abs16,R0H
abs16,R0H
abs16,A1
7,11[SB]
7,11[SB]
label
1000
8
MOV.B:S
OR.B:S
SUB.B:S
CMP.B:S
BSET:S
BTST:S
JGEU/C
MUL.B
R0H,R0L
R0H,R0L
R0H,R0L
R0H,R0L
0,11[SB]
0,11[SB]
label
src,dest
1001
9
MOV.B:S
OR.B:S
SUB.B:S
CMP.B:S
BSET:S
BTST:S
JGTU
MUL.W
dsp:8[SB],R0L
dsp:8[SB],R0L
dsp:8[SB],R0L dsp:8[SB],R0L
1,11[SB]
1,11[SB]
label
src,dest
1010
A
MOV.B:S
OR.B:S
SUB.B:S
CMP.B:S
BSET:S
BTST:S
JEQ/Z
CODE_7A
dsp:8[FB],R0L
dsp:8[FB],R0L
dsp:8[FB],R0L
dsp:8[FB],R0L
2,11[SB]
2,11[SB]
label
1011
B
MOV.B:S
OR.B:S
SUB.B:S
CMP.B:S
BSET:S
BTST:S
JN
CODE_7B
abs16,R0L
abs16,R0L
abs16,R0L
abs16,R0L
3,11[SB]
3,11[SB]
label
1100
C
MOV.B:S
OR.B:S
SUB.B:S
CMP.B:S
BSET:S
BTST:S
JLTU/NC
CODE_7C
R0L,R0H
R0L,R0H
R0L,R0H
R0L,R0H
4,11[SB]
4,11[SB]
label
1101
D
MOV.B:S
OR.B:S
SUB.B:S
CMP.B:S
BSET:S
BTST:S
JLEU
CODE_7D
dsp:8[SB],R0H
dsp:8[SB],R0H
dsp:8[SB],R0H dsp:8[SB],R0H
5,11[SB]
5,11[SB]
label
1110
E
MOV.B:S
OR.B:S
SUB.B:S
CMP.B:S
BSET:S
BTST:S
JNE/JNZ
CODE_7E
dsp:8[FB],R0H
dsp:8[FB],R0H
dsp:8[FB],R0H dsp:8[FB],R0H
6,11[SB]
6,11[SB]
label
1111
F
MOV.B:S
OR.B:S
SUB.B:S
CMP.B:S
BSET:S
BTST:S
JPZ
abs16,R0H
abs16,R0H
abs16,R0H
abs16,R0H
7,11[SB]
7,11[SB]
label
The next instruction is arranged in each CODE.
CODE_74 : STE, MOV, PUSH, NEG, ROT, NOT, LDE, POP, SHL, SHA
CODE_75 : STE, MOV, PUSH, NEG, ROT, NOT, LDE, POP, SHL, SHA
CODE_76 : TST, XOR, AND, OR, ADD, SUB, ADC, SBB, CMP, DIVX, ROLC, RORC, DIVU, DIV, ADCF, ABS
CODE_77 : TST, XOR, AND, OR, ADD, SUB, ADC, SBB, CMP, DIVX, ROLC, RORC, DIVU, DIV, ADCF, ABS
CODE_7A : XCHG, LDC
CODE_7B : XCHG, STC
CODE_7C : MOVDir, MULU, MUL, EXTS, STC, DIVU, DIV, PUSH, DIVX, DADD, DSUB, DADC, DSBB, SMOVF, SMOVB, SSTR, ADD, LDCTX, RMPA, ENTER
CODE_7D : JMPI, JSRI, MULU, MUL, PUSHA, LDIPL, ADD, JCnd, BMCnd, DIVU, DIV, PUSH, DIVX, DADD, DSUB, DADC, DSBB, SMOVF, SMOVB, SSTR, STCTX, RMPA, EXITD, WAIT
CODE_7E : BTSTC, BMCnd, BNTST, BAND, BNAND, BOR, BNOR, BCLR, BSET, BNOT, BTST, BXOR, BNXOR
CODE_EB:SHL,FSET,FCLR,MOVA,LDC,SHA,PUSHC,POPC,INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com