Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 123Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 124Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 125Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 126Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 127Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 128Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 129Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 130Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
1-108
Serial I/O
Serial I/O is configured as five channels: UART0, UART1, UART2, S I/O3 and S I/O4.
UART0 to 2
UART0, UART1 and UART2 each have an exclusive timer to generate a transfer clock, so they operate
independently of each other.
Figure 1.16.1 shows the block diagram of UART0, UART1 and UART2. Figures 1.16.2 and 1.16.3 show
the block diagram of the transmit/receive unit.
UARTi (i = 0 to 2) has two operation modes: a clock synchronous serial I/O mode and a clock asynchronous
serial I/O mode (UART mode). The contents of the serial I/O mode select bits (bits 0 to 2 at addresses
03A016, 03A816 and 037816) determine whether UARTi is used as a clock synchronous serial I/O or as a
UART. Although a few functions are different, UART0, UART1 and UART2 have almost the same functions.
UART2, in particular, is used for the SIM interface with some extra settings added in clock-asynchronous
serial I/O mode (Note). It also has the bus collision detection function that generates an interrupt request if
the TxD pin and the RxD pin are different in level.
Table 1.16.1 shows the comparison of functions of UART0 through UART2, and Figures 1.16.4 to 1.16.9
show the registers related to UARTi.
Note: SIM : Subscriber Identity Module
Note 1: Only when clock synchronous serial I/O mode.
Note 2: Only when clock synchronous serial I/O mode and 8-bit UART mode.
Note 3: Only when UART mode.
Note 4: Using for SIM interface.
UART0
UART1
UART2
Function
CLK polarity selection
Continuous receive mode selection
LSB first / MSB first selection
Impossible
Transfer clock output from multiple
pins selection
Impossible
Impossible
Serial data logic switch
Impossible
Sleep mode selection
Impossible
Impossible
TxD, RxD I/O polarity switch
Impossible
Possible
CMOS output
TxD, RxD port output format
CMOS output
N-channel open-drain
output
Impossible
Parity error signal output
Impossible
Impossible
Bus collision detection
Impossible
Possible
Possible
(Note 1)
Possible
(Note 1)
Possible
(Note 1)
Possible
(Note 3)
Possible
(Note 1)
Possible
(Note 1)
Possible
(Note 1)
Possible
(Note 1)
Possible
(Note 3)
Possible
(Note 1)
Possible
(Note 2)
Possible
(Note 1)
Possible
(Note 4)
Possible
(Note 4)
Table 1.16.1. Comparison of functions of UART0 through UART2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com